Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

005.48.310 Datasheet(PDF) 1 Page - ETTINGER GmbH.

Part # 005.48.310
Description  Insulated Standoff PA-Brass F/F ø6.5x10 | Thread M3x4 / M3x4
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETTINGER [ETTINGER GmbH.]
Direct Link  https://www.ettinger.de/
Logo ETTINGER - ETTINGER GmbH.

005.48.310 Datasheet(HTML) 1 Page - ETTINGER GmbH.

  005.48.310 Datasheet HTML 1Page - ETTINGER GmbH.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Article datasheet
Insulated Standoff PA-Brass F/F ø6.5x10 | Thread M3x4 / M3x4
Article-No.: 005.48.310
Image may be similar
AF / OD [mm]:
6.5
Flammability Class:
UL94-HB
Length [mm]:
10
Material:
PA 6.6
Material Group:
Plastic
Profile:
Round
Thread 1 Length [mm]: 4
Thread 1 Size:
M3
Thread 2 Length [mm]: 4
Thread 2 Size:
M3
Thread Insert Material: Brass
Weight:
0.72g
Conformities:
You can find all information on the web on
our article detail page
Insulated Standoff PA-Brass F/F ø6.5x10 |
Thread M3x4 / M3x4
Would you like individual advice?
We look forward to your email to products@ettinger.de.
Subject to change and errors.
ETTINGER GmbH
Ottostraße 5 | 85649 Hofolding | Deutschland
www.ettinger.de | info@ettinger.de | + 49 8104 66 23 88


Similar Part No. - 005.48.310

ManufacturerPart #DatasheetDescription
logo
ETTINGER GmbH.
005.48.313 ETTINGER-005.48.313 Datasheet
188Kb / 1P
Insulated Standoff PA-Brass M/F AF7x12 | F=M3x4 M=M3x6
005.48.314 ETTINGER-005.48.314 Datasheet
188Kb / 1P
Insulated Standoff PA-Brass F/F ø6.5x14 | Thread M3x6 / M3x6
005.48.315 ETTINGER-005.48.315 Datasheet
188Kb / 1P
Insulated Standoff PA-Brass F/F ø6.5x15 | Thread M3x6 / M3x6
005.48.317 ETTINGER-005.48.317 Datasheet
188Kb / 1P
Insulated Standoff PA-Brass F/F ø6.5x17 | Thread M3x6 / M3x6
More results

Similar Description - 005.48.310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4819 ETC2-4819 Datasheet
232Kb / 2P
NYLON M/F HEX STANDOFF
logo
Keystone Electronics Co...
2150 KEYSTONE-2150 Datasheet
221Kb / 1P
HEX M/F STANDOFF
4.11.96
24331 KEYSTONE-24331 Datasheet
182Kb / 1P
4.5mm HEX M/F STANDOFF
5.08.06
24349 KEYSTONE-24349 Datasheet
75Kb / 1P
6mm HEX M/F STANDOFF
5.08.06
4828 KEYSTONE-4828 Datasheet
202Kb / 1P
LYLONE M/F HEX STANDOFF
8.4.94
4830 KEYSTONE-4830 Datasheet
80Kb / 1P
NYLON M/F HEX STANDOFF
5.03.02
4836 KEYSTONE-4836 Datasheet
230Kb / 1P
NYLON M/F HEX STANDOFF
4.10.96
8413 KEYSTONE-8413 Datasheet
198Kb / 1P
HEX M/F STANDOFF
2.9.98
8414 KEYSTONE-8414 Datasheet
197Kb / 1P
HEX M/F STANDOFF
2.10.98
7212 KEYSTONE-7212 Datasheet
200Kb / 1P
HEX M/F STANDOFF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com