Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CLA2-02CSN-C Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # CLA2-02CSN-C
Description  LED Work Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

CLA2-02CSN-C Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  CLA2-02CSN-C Datasheet HTML 1Page - PATLITE CORPORATION. CLA2-02CSN-C Datasheet HTML 2Page - PATLITE CORPORATION. CLA2-02CSN-C Datasheet HTML 3Page - PATLITE CORPORATION. CLA2-02CSN-C Datasheet HTML 4Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
[2.Model Number Configuration]
Conformity Standards
CLA3-02CSN-C
0.14kg
CLA9-02CSN-C
0.37kg
CLA3-02CLN-C
Outer Dimensions
Mass (Tolerance ±10%)
CLA1-02JSN-C
0.15kg
CLA6-02JSN-Y
0.34kg
CLA6-02JSN-C
IEC 61000-6-4, EN IEC 61000-6-2, EN IEC63000
FCC Part 15 Subpart B Class A
ICES-003 Class A
CLA9-02JSN-C
0.46kg
CLA1-02CSN-C
0.06kg
differences may occur between individual LEDs or between products.
*CLA□-02JSN-Y is not subject to 'COMMISSION REGULATION (EU) 2019/2020'.
0.14kg
COMMISSION REGULATION(EU) 2019/2020 *
Refer to 3. Outer Dimensions Drawing
UL 2108, CSA-C22.2 No. 250.2
0.34kg
CLA2-02JSN-C
0.19kg
CLA6-02CSN-C
0.25kg
CLA2-02CSN-C
0.1kg
CLA3-02JSN-C
0.23kg
[2.1 Model List]
・
Conforms to the CE requirements
・
Conforms to the UKCA requirements
・
Due to the inherent properties of LED, color variations and brightness
KS C 9610-6-4,KS C 9610-6-2
・
UL Recognized Component (File No.E306141)
Remarks
CLA3-02JSN-Y
0.23kg
Page
Drawing No.
Rev.
A
■
Luminous Color
■
luminous part
■
Rated Voltage
■
Wiring
9
900mm
CL
M12 Connector Link
3
300mm
JS
Cable
6
600mm
CS
M12 Connector
1
100mm
02
24V DC
2
200mm
C
N - C
Daylight
Y
Amber
C L A 3 -
2
0
J S
・
Cable
CLA1-02JSN-C
CLA2-02JSN-C
CLA3-02JSN-C
CLA3-02JSN-Y
CLA6-02JSN-C
CLA6-02JSN-Y
CLA9-02JSN-C
・
M12 Connector
CLA1-02CSN-C
CLA2-02CSN-C
CLA3-02CSN-C
CLA6-02CSN-C
CLA9-02CSN-C
・
M12 Connector Link
CLA3-02CLN-C
2/4
CLA3-02-W18



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com