Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHS-M2 Datasheet(PDF) 4 Page - PATLITE CORPORATION.

Part # EHS-M2
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2 Datasheet(HTML) 4 Page - PATLITE CORPORATION.

  EHS-M2 Datasheet HTML 1Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 2Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2 Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
- Non Voltage Contact
AC Power Supply
EHS-□H□
EHS-□T□
Cable
DC Power Supply
- Voltage Contact (EHS-M1 Only)
EHS-□H□
EHS-□T□
Cable
DC Power Supply
* Each channel color is indicated by the cable or lead wire.
* Voltage contact input should be in the range of DC10.8 V to DC31.6 V.
* When using the Terminal type model, round terminals with M3 insulated coating is recommended
when wiring to the Terminal.
Recommended Parts: J.S.T. Manufacturing Co., Ltd. N1.25-3 (article corresponding to RoHS)
With NPN Transistor
With PNP Transistor
Insulate
Channel 1 Lt. Blue
Power Supply Black
GND
Channel 8 Blue
Channel 7 Green
Channel 4 Bright green
Channel 3 Pink
Channel 2 Yellow
Channel 6 Orange
Channel 5 Red
Channel 4 Bright green
Channel 3 Pink
Channel 2 Yellow
Terminal Buss
Power Supply White
DC10.8V-31.6V
Power Supply Black
GND
COM Brown
Fuse
Terminal Buss
COM Brown
Fuse
Power Supply White
Rated Voltage
Rated Voltage
Channel 1 Lt. Blue
Channel 8 Blue
Channel 7 Green
Channel 6 Orange
Channel 5 Red
Drawing No.
Melody Type
A
Type A
E
Type E
Type C
Type D
Rev.
Page
J
M1
H
A
Rated Voltage
2. Model
E H S -
Wiring Specifications
M1
DC 12 V-DC 24V
H
Cable
3. Wiring Diagram
AC 100 V-AC 240V
T
Terminal Buss
C
D
M2
L
N
+
-
+
-
4/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com