Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHS-M2TA Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # EHS-M2TA
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2TA Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  EHS-M2TA Datasheet HTML 1Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 2Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2TA Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Drawing No.
Rev.
Page
J
Product Name
Horn Type Annunciator
Model
EHS-M2
Rated Voltage
AC100V - AC240V (50/60Hz)
Operating Voltage Range
AC90V - AC264V (50/60Hz)
Rated Current Consumption
Max.
140mA
Upside-down
Max.
7.3W (at AC 264 V)
Conditions
At maximum volume and "Rapid Hi-Lo" alarm playback
Inrush Current
6A or less (at AC 100 V)
15A or less (at AC 240 V)
23A or less (at AC 264 V)
Rated Power
Consumption
(for NPN/No-voltage)
Typ.
6.9W (at AC 240 V)
Conditions
At maximum volume and "Rapid Hi-Lo" alarm playback
More than 1MΩ at 500VDC between live part and non-current carrying metallic part
Withstand Voltage
1500VAC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
Operating Ambient Temperature
-20 ℃ to +50 ℃
Operating Ambient Humidity
Less than 85% (No condensation)
Storage Ambient Temperature
-30 ℃ to +60 ℃
Storage Ambient Humidity
Less than 85% (No condensation)
Mounting Location
Indoors/Outdoors
Mounting Direction
Upright
Sideways
Protection Rating
IP65 (IEC 60529)
Environmental
Condition
Upright position from horn opening at a distance of 1m.
Volume at maximum and "Stutter" alarm played
Impact Resistance
250m/s
2 6ms for 1,000 times (3 axis 1 direction); 500m/s2 11ms for 3 times (3 axis both directions)
IEC 60068-2-27:2008 (Upright Position)
Mass (Tolerance ±10%)
1.25kg
Environmental Condition
Upright Installation
Sound Pressure Level
Maximum: 110 dB
Vibration Resistance
45.0m/s
2 JIS C 60068-2-6:2010 (Upright Installation)
Insulation Resistance
Outer Dimensions
7. Outer Dimensions
SD Card / SDHC Card
SD Card Format
FAT 16, 32
Recommended Parts: SDV-2GP□ (option)
Supported Memory Card
Compliance Standards
UL 464, CSA-C22.2 No. 205
UL Listed (File No.S24210)
Remarks
There are no contents of controlled substances exceeding the threshold for the RoHS Directive.
FCC Part15 SubpartB Class A
2/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com