Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EHS-M2TC Datasheet(PDF) 3 Page - PATLITE CORPORATION.

Part # EHS-M2TC
Description  Horn Type Annunciator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

EHS-M2TC Datasheet(HTML) 3 Page - PATLITE CORPORATION.

  EHS-M2TC Datasheet HTML 1Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 2Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 3Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 4Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 5Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 6Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 7Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 8Page - PATLITE CORPORATION. EHS-M2TC Datasheet HTML 9Page - PATLITE CORPORATION. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1-2. Performance Specifications
Page
Volume Adjustable: Min. - Max.
Drawing No.
Rev.
J
Sound Reduction Input: It is a value specified as a reduction from the
currently adjusted volume.(None, -10dB, -20dB, -30dB selection)
Alarm/Melody (Fixed)
Bit Input: 8/binary input: 32
Volume Control
Sound Playback
Number of Playback Channels
8. Sound List Reference
300ms or less (Signal Input and Power Supply Startup)
Alarm/Melody
Playback start-up time
Signal Input Condition
Hold Input
Signal Input Priority
Channel 8 > Channel 7 > Channel 6 > Channel 5 > Channel 4 > Channel 3 > Channel 2 > Channel 1 (except for a binary input)
1-3. Signal Input Specification
Contact Control Method
[EHS-M1]: Non-voltage/Voltage Contact [EHS-M2]: Non-voltage Contact
Contact Closed-Circuit Current
12mA or less
Contact Open-Circuit Voltage
【EHS-M1】:6V or less 【EHS-M2】:8V or less
Transistor Input
(Circuit Configuration)
NPN Transistor
PNP Transistor (EHS-M1 Only)
Contact Input
(Circuit Configuration)
Non-voltage Contact
Voltage Contact (EHS-M1 Only)
EH
□-M1 : 9V
CH
COM
3mA
~ 12mA
Insulating
External Supply
10.8V
~ 31.6V
EH
□-M1 : 9V
CH
COM
3mA
~ 12mA
Insulating
External Supply
10.8V
~ 31.6V
3/13
EHS-W18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com