Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAC908-59 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # BAC908-59
Description  BNC JACK RG59/62 CRIMP 75 OHM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

BAC908-59 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  BAC908-59 Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.50 12.7
.030 [0.762]
.25±.01 6.4±0.3
1.12±.10 [28.45 2.5]
.157 [4]
.630 [16]
.314 [7.98]
BRAID
DIELECTRIC
CENTER CONDUCTOR
.255 [6.48]
.068 [1.73]
RECOMMENDED
CABLE STRIPPING
DIMENSIONS
RECOMMENDED
FERRULE & PIN
CRIMP SIZES
NOTES:
MATERIAL:
BODY: BRASS
FERRULE: BRASS
PIN: BRASS
INSULATOR: ACETAL
FINISH:
BODY: NICKEL PLATE
FERRULE: NICKEL PLATE
PIN: GOLD PLATE
ELECTRICAL:
CHARACTERISTIC IMPEDANCE: 75 OHMS
MISCELLANEOUS:
FOR TERMINATION OR TOOLING INFORMATION PLEASE VISIT
THE APPROPRIATE PRODUCT PAGE AT WWW.L-COM.COM.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED IN A POLYBAG.
RoHS Compliant 
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
BAC908-59
E
BAC908-59.SLDDRW
1
1
C.MCCORMICK
11/01/2001
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
ENG
D.PARHAM
11/01/2001
11/01/2001
1/25/08
E
ECN 3167: UPDATE DWG FORMAT
D.GRIFFIN
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
UNLESS OTHERWISE SPECIFIED,
TOLERANCES TO BE:
.X .1 [2.5]
ANGLES 2
.XX .05 [1.3]
.XXX .005 [.13]
OVERALL CABLE LENGTH TOL:
60 [1524] +3 [76.2] / - 0
> 60 [1524] +5% / -0%
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
BNC JACK RG59/62 CRIMP 75 OHM
COAXIAL
PROJ


Similar Part No. - BAC908-59

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BAC933-59 L-COM-BAC933-59 Datasheet
124Kb / 1P
CONN TNC M RG59 TWIST ON
11/06/2001
More results

Similar Description - BAC908-59

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
73057 POMONA-73057 Datasheet
142Kb / 2P
TNC Plug, 50 Ohm, Crimp Type, RG59, 62
logo
Winchester Electronics ...
SD2022-2-9 WINCHESTER-SD2022-2-9 Datasheet
50Kb / 1P
JACK, BULKHEAD, 75 OHM BNC
logo
Pasternack Enterprises,...
PE4602 PASTERNACK-PE4602 Datasheet
253Kb / 2P
75 Ohm BNC Male Connector Crimp/Solder Attachment For RG59
PE4614 PASTERNACK-PE4614 Datasheet
205Kb / 2P
75 Ohm BNC Female Connector Crimp/ Solder Attachment For RG59
logo
Molex Electronics Ltd.
73100-0002 MOLEX11-73100-0002 Datasheet
34Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000002 MOLEX11-0731000002 Datasheet
65Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
0731000491 MOLEX11-0731000491 Datasheet
52Kb / 1P
75 Ohms, BNC Plug, Straight, Crimp RG59, Bag
logo
Pasternack Enterprises,...
PE33188 PASTERNACK-PE33188 Datasheet
369Kb / 4P
75 Ohm BNC Male to 75 Ohm BNC Male Cable Using 75 Ohm RG59 Coax
logo
Molex Electronics Ltd.
0731000002 MOLEX-0731000002_V01 Datasheet
58Kb / 1P
75 Ohms, BNC Bulkhead Jack, Crimp/Crimp, RG-59 and RG-62 Cable
logo
Samtec, Inc
HDBNC-P-C-XX-ST-CA8X SAMTEC-HDBNC-P-C-XX-ST-CA8X Datasheet
2Mb / 2P
75 OHM, HIGH DENSITY BNC STRAIGHT PLUG, RG59
02/16/2011
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com