Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F526TFCDFN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F526TFCDFN
Description  Renesas MCUs
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F526TFCDFN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F526TFCDFN Datasheet HTML 3Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 4Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 5Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 6Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 7Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 8Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 9Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 10Page - Renesas Technology Corp R5F526TFCDFN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
R01DS0407EJ0120 Rev.1.20
Page 7 of 142
Oct 31, 2024
RX26T Group
1. Overview
Communication
function
Serial communications
interfaces (SCIk, SCIh)
 4 channels
SCIk: SCI1, SCI5, SCI6
SCIh: SCI12
 SCIk, SCIh
Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
Multi-processor function
On-chip baud rate generator allows selection of the desired bit rate
Choice of LSB-first or MSB-first transfer
Average transfer rate clock can be input from TMR timers for SCI5, SCI6, and SCI12
Start-bit detection: Level or edge detection is selectable.
Simple I2C
Simple SPI
7, 8, 9-bit transfer mode
Bit rate modulation
Double-speed mode
Data match detection (SCI12 is not supported)
Event linking by the ELC (supported by SCI5 only)
RXD input signal select function (supported by SCI5 only)
 SCIk Only
Data match detection
Adjustment of the timing of sampling of the RXD signals
 SCIh Only
Supports the serial communications protocol, which contains the start frame and
information frame
Supports the LIN format
Serial communications
interfaces (RSCI)
 3 channels (RSCI8, RSCI9, RSCI11)
 Serial communications modes: Asynchronous, clock synchronous, and smart-card
interface
 Multi-processor function
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Start-bit detection: Level or edge detection is selectable.
 Simple I2C
 Simple SPI
 9-bit transfer mode
 Bit rate modulation
 Double-speed mode
 Event linking by the ELC (only RSCI11)
 RXD input signal select function
 Supports the serial communications protocol, which contains the start frame and
information frame
 Supports the LIN format (RSCI9, RSCI11)
 Data can be transmitted or received in sequence by the 32-byte FIFO buffers of the
transmission and reception unit (only RSCI11)
 Manchester encoding is supported.
 RSCI has some home bus system (HBS) functionality.
 Data match detection
 Adjustment of the timing of sampling of the RXD signals
I2C bus interface (RIICa)
 1 channel
Communication formats
I2C bus format/SMBus format
Supports the multi-master
Max. transfer rate: 400 kbps
 Event linking by the ELC
Table 1.1
Outline of Specifications (6/9)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com