Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BTA20 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BTA20
Description  20A TRIACS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA20 Datasheet(HTML) 1 Page - STMicroelectronics

  BTA20 Datasheet HTML 1Page - STMicroelectronics BTA20 Datasheet HTML 2Page - STMicroelectronics BTA20 Datasheet HTML 3Page - STMicroelectronics BTA20 Datasheet HTML 4Page - STMicroelectronics BTA20 Datasheet HTML 5Page - STMicroelectronics BTA20 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
1/6
Table 1: Main Features
DESCRIPTION
The BTA20 BW/CW triac family are high perform-
ance glass passivated chips technology.
The snubberless concept offer suppression of RC
network and it is suitable for application such as
phase control and static switching on inductive or
resistive load.
Thanks to their clip assembly technique, they
provide a superior performance in surge current
handling capabilities.
By using an internal ceramic pad, the BTA series
provides
voltage
insulated
tab
(rated
at
2500VRMS) complying with UL standards (File ref.:
E81734).
Symbol
Value
Unit
IT(RMS)
20
A
VDRM/VRRM
600 and 700
V
IGT (Q
1)
(max)
35 and 50
mA
BTA20 Series
20A TRIACS
REV. 2
February 2006
SNUBBERLESS™
Table 2: Order Codes
Part Numbers
Marking
BTA20-600BWRG
BTA20-600BW
BTA20-600CWRG
BTA20-600CW
BTA20-700BWRG
BTA20-700BW
BTA20-700CWRG
BTA20-700CW
A2
A1
G
TO-220AB Insulated
G
A2
A1
Table 3: Absolute Maximum Ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tc = 70°C
20
A
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25°C)
F = 50 Hz
t = 10 ms
210
A
F = 60 Hz
t = 8.3 ms
200
I²tI²t Value for fusing
tp = 10 ms
200
A²s
dI/dt
Critical rate of rise of on-state current
IG = 500 mA dIG/dt = 1 A/µs
Repetitive
F = 50 Hz
Tj = 125°C
20
A/µs
Non repetitive
100
VDSM/VRSM Non repetitive peak off-state voltage
tp = 10 ms
Tj = 25°C
VDSM/VRSM
+ 100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125°C
4A
VGM
Peak positive gate voltage
tp = 20 µs
16
V
PG(AV)
Average gate power dissipation
Tj = 125°C
1W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C


Similar Part No. - BTA20

ManufacturerPart #DatasheetDescription
logo
GE Solid State
BTA20 GESS-BTA20 Datasheet
238Kb / 5P
6-A Silicon Triacs For Power-Control and Power-Switching Applications
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
20A TRIACs
logo
Continental Device Indi...
BTA20 CDIL-BTA20 Datasheet
74Kb / 2P
Triac Series
logo
Shenzhen Luguang Electr...
BTA20 LUGUANG-BTA20 Datasheet
3Mb / 5P
20A Ⅲ&ⅣSERIES TRIACS
Revision:20230619-P1
logo
STMicroelectronics
BTA20-600 STMICROELECTRONICS-BTA20-600 Datasheet
470Kb / 6P
SNUBBERLESS TRIACS
Sep-2001
More results

Similar Description - BTA20

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
Triacs
August 1997 Rev 1.200
logo
JIEJIE MICROELECTRONICS...
BTA20 JIEJIE-BTA20 Datasheet
506Kb / 4P
20A TRIACs
logo
Nell Semiconductor Co.,...
20T06A-BW NELLSEMI-20T06A-BW Datasheet
1Mb / 5P
TRIACs, 20A Sunbberless
logo
Unisonic Technologies
BTB20 UTC-BTB20 Datasheet
136Kb / 3P
20A TRIACS
BTA20A UTC-BTA20A Datasheet
166Kb / 3P
20A TRIACS
logo
Kersemi Electronic Co.,...
BTA20-700C KERSEMI-BTA20-700C Datasheet
897Kb / 4P
20A TRIACS
BTA20-800B KERSEMI-BTA20-800B Datasheet
897Kb / 4P
20A TRIACS
logo
Unisonic Technologies
BTB20A UTC-BTB20A Datasheet
165Kb / 3P
20A TRIACS
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
Triacs Triacs
October 1997 Rev 1.200
logo
Shindengen Electric Mfg...
KD20SF60 SHINDENGEN-KD20SF60 Datasheet
1Mb / 8P
TRIACs 600V, 20A
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com