Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5651CDDFC Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R5F5651CDDFC
Description  Renesas MCUs
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5651CDDFC Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R5F5651CDDFC Datasheet HTML 17Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 18Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 19Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 20Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 21Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 22Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 23Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 24Page - Renesas Technology Corp R5F5651CDDFC Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 188 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0240 Rev.2.40
Page 21 of 188
Oct 31, 2023
RX651
(D ver-
sion)
R5F56519BDBP
PTBG0064KB-A 1 M
256 K
Not
included
120 MHz
Not
available
Available*1
Not
available
–40 to +85
R5F56519FDBP
PTBG0064KB-A 1 M
256 K
Not
included
120 MHz
Available
Available*1
Not
available
–40 to +85
R5F56517BDBP
PTBG0064KB-A 768 K
256 K
Not
included
120 MHz
Not
available
Available*1
Not
available
–40 to +85
R5F56517FDBP
PTBG0064KB-A 768 K
256 K
Not
included
120 MHz
Available
Available*1
Not
available
–40 to +85
R5F56514BDBP
PTBG0064KB-A 512 K
256 K
Not
included
120 MHz
Not
available
Available*1
Not
available
–40 to +85
R5F56514FDBP
PTBG0064KB-A 512 K
256 K
Not
included
120 MHz
Available
Available*1
Not
available
–40 to +85
R5F5651EDDLC
PTLG0177KA-A
2 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651EHDLC
PTLG0177KA-A
2 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
R5F5651CDDLC
PTLG0177KA-A
1.5 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651CHDLC
PTLG0177KA-A
1.5 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
R5F5651EDDLK
PTLG0145KA-A
2 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651EHDLK
PTLG0145KA-A
2 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
R5F5651CDDLK
PTLG0145KA-A
1.5 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651CHDLK
PTLG0145KA-A
1.5 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
R5F56519ADLK
PTLG0145KA-A
1 M
256 K
Not
included
120 MHz
Not
available
Not
available
Not
available
–40 to +85
R5F56519BDLK
PTLG0145KA-A
1 M
256 K
Not
included
120 MHz
Not
available
Available
Not
available
–40 to +85
R5F56519EDLK
PTLG0145KA-A
1 M
256 K
Not
included
120 MHz
Available
Not
available
Not
available
–40 to +85
R5F56519FDLK
PTLG0145KA-A
1 M
256 K
Not
included
120 MHz
Available
Available
Not
available
–40 to +85
R5F56517ADLK
PTLG0145KA-A
768 K
256 K
Not
included
120 MHz
Not
available
Not
available
Not
available
–40 to +85
R5F56517BDLK
PTLG0145KA-A
768 K
256 K
Not
included
120 MHz
Not
available
Available
Not
available
–40 to +85
R5F56517EDLK
PTLG0145KA-A
768 K
256 K
Not
included
120 MHz
Available
Not
available
Not
available
–40 to +85
R5F56517FDLK
PTLG0145KA-A
768 K
256 K
Not
included
120 MHz
Available
Available
Not
available
–40 to +85
R5F56514ADLK
PTLG0145KA-A
512 K
256 K
Not
included
120 MHz
Not
available
Not
available
Not
available
–40 to +85
R5F56514BDLK
PTLG0145KA-A
512 K
256 K
Not
included
120 MHz
Not
available
Available
Not
available
–40 to +85
R5F56514EDLK
PTLG0145KA-A
512 K
256 K
Not
included
120 MHz
Available
Not
available
Not
available
–40 to +85
R5F56514FDLK
PTLG0145KA-A
512 K
256 K
Not
included
120 MHz
Available
Available
Not
available
–40 to +85
R5F5651EDDLJ
PTLG0100JA-A
2 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651EHDLJ
PTLG0100JA-A
2 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
R5F5651CDDLJ
PTLG0100JA-A
1.5 M
640 K
32 K
120 MHz
Not
available
Available
Available
–40 to +85
R5F5651CHDLJ
PTLG0100JA-A
1.5 M
640 K
32 K
120 MHz
Available
Available
Available
–40 to +85
Table 1.3
List of Products (8/12)
Group
Part No.
Package
Code Flash
Memory
Capacity
(byte(s))
RAM
Capacity
(byte(s))
Data Flash
Memory
Capacity
(byte(s))
Operating
Frequency
(Max.)
Encryption
Module
SDHI/SDSI Dual bank
Operating
tempera-
ture (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com