| Electronic Components Datasheet Search |
|
R5F56517FDFB Datasheet(PDF) 29 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F56517FDFB Datasheet(HTML) 29 Page - Renesas Technology Corp |
|
29 / 188 page ![]() RX65N Group, RX651 Group 1. Overview R01DS0276EJ0240 Rev.2.40 Page 29 of 188 Oct 31, 2023 Multiplexed bus A0/D0 to A15/D15 I/O Address/data multiplexed bus Bus control RD# Output Strobe signal which indicates that reading from the external bus interface space is in progress WR# Output Strobe signal which indicates that writing to the external bus interface space is in progress, in 1-write strobe mode WR0# to WR3# Output Strobe signals which indicate that either group of data bus pins (D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in writing to the external bus interface space, in byte strobe mode BC0# to BC3# Output Strobe signals which indicate that either group of data bus pins (D7 to D0, D15 to D8, D23 to D16 and D31 to D24) is valid in access to the external bus interface space, in 1-write strobe mode ALE Output Address latch signal when address/data multiplexed bus is selected WAIT# Input Input pin for wait request signals in access to the external space CS0# to CS7# Output Select signals for CS areas CKE Output SDRAM clock enable signal SDCS# Output SDRAM chip select signal RAS# Output SDRAM row address strobe signal CAS# Output SDRAM column address strove signal WE# Output SDRAM write enable pin DQM0 to DQM3 Output SDRAM I/O data mask enable signals EXDMA controller EDREQ0, EDREQ1 Input External DMA transfer request pins EDACK0, EDACK1 Output Single address transfer acknowledge signals Interrupt NMI Input Non-maskable interrupt request pin IRQ0 to IRQ15, IRQ0-DS to IRQ15-DS Input Maskable interrupt request pins Multi-function timer pulse unit 3 MTIOC0A, MTIOC0B, MTIOC0C, MTIOC0D I/O The TGRA0 to TGRD0 input capture input/output compare output/PWM output pins MTIOC1A, MTIOC1B I/O The TGRA1 and TGRB1 input capture input/output compare output/PWM output pins MTIOC2A, MTIOC2B I/O The TGRA2 and TGRB2 input capture input/output compare output/PWM output pins MTIOC3A, MTIOC3B, MTIOC3C, MTIOC3D I/O The TGRA3 to TGRD3 input capture input/output compare output/PWM output pins MTIOC4A, MTIOC4B, MTIOC4C, MTIOC4D I/O The TGRA4 to TGRD4 input capture input/output compare output/PWM output pins MTIC5U, MTIC5V, MTIC5W Input The TGRU5, TGRV5, and TGRW5 input capture input/dead time compensation input pins MTIOC6A, MTIOC6B, MTIOC6C, MTIOC6D I/O The TGRA6 to TGRD6 input capture input/output compare output/PWM output pins MTIOC7A, MTIOC7B, MTIOC7C, MTIOC7D I/O The TGRA7 to TGRD7 input capture input/output compare output/PWM output pins MTIOC8A, MTIOC8B, MTIOC8C, MTIOC8D I/O The TGRA8 to TGRD8 input capture input/output compare output/PWM output pins MTCLKA, MTCLKB, MTCLKC, MTCLKD Input Input pins for external clock signals or for phase counting mode clock signals Port output enable 3 POE0#, POE4#, POE8#, POE10#, POE11# Input Input pins for request signals to place the MTU in the high impedance state Table 1.4 Pin Functions (2/8) Classifications Pin Name I/O Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |