Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-QSLMS2-HM Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GW-QSLMS2-HM
Description  OSCONIQ™ S 3030
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-QSLMS2-HM Datasheet(HTML) 2 Page - ams-OSRAM AG

  GW-QSLMS2-HM Datasheet HTML 1Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 2Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 3Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 4Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 5Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 6Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 7Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 8Page - ams-OSRAM AG GW-QSLMS2-HM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
GW QSLMS2.HM
DATASHEET
DATASHEET
2 | Version 1.3 | 2025-07-11
OSCONIQ™ S 3030
GW QSLMS2.HM
The OSCONIQ™ 3030 is a high efficacy package for indoor,
industrial and horticultural applications. It uses sapphire flip
chip technology to reach impressive performance and reliability
and comes in a standard form factor to enable drop-in replace-
ments.
Applications
- Agriculture & Horticulture
- Indoor Lighting
- Outdoor & Industrial Lighting
Features
- Package: white SMT package
- Typ. Radiation: 120° (Lambertian emitter)
- Color temperature: 2200K - 6500K
- CRI: 70 (min.)
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
- Luminous Flux: typ. 41.1 lm @ 5000 K
- Luminous efficacy: typ. 234 lm/W @ 5000 K
- Photon Flux Efficacy: typ. 3.15 umol/J @ 5000K
- Photon Flux: typ 0.552 umol/s @ 5000K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com