Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F5671CDDFB Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # R5F5671CDDFB
Description  Renesas MCUs
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F5671CDDFB Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button R5F5671CDDFB Datasheet HTML 171Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 172Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 173Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 174Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 175Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 176Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 177Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 178Page - Renesas Technology Corp R5F5671CDDFB Datasheet HTML 179Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 177 / 179 page
background image
R01DS0373EJ0120 Rev.1.20
Page 177 of 179
Sep 30, 2024
RX671 Group
REVISION HISTORY
Classifications
- Items with Technical Update document number: Changes according to the corresponding issued Technical Update
- Items without Technical Update document number: Minor changes that do not require Technical Update to be issued
REVISION HISTORY
RX671 Group Datasheet
Rev.
Date
Description
Classification
Page
Summary
1.00
Mar 31, 2021
—
First edition, issued
1.10
Apr 15, 2022
Features
1
Coremark value, changed
1
Useful functions for IEC60730 compliance, changed
1. Overview
8
Table 1.1 Outline of Specifications (7/10), changed
11
Table 1.1 Outline of Specifications (10/10), changed
14 to 16
Table 1.3 List of Products, changed
17
Figure 1.1 How to Read the Product Part Number, changed
18
Figure 1.2 Block Diagram, changed
23
Table 1.4 Pin Functions (5/8), changed
24
Table 1.4 Pin Functions (6/8), changed
26
Table 1.4 Pin Functions, Note changed
2. Electrical Characteristics
87
Table 2.9 Normal Output Characteristics, added
88
Table 2.10 Thermal Resistance Value (Reference), changed
Appendix 1. Package Dimensions
168
Figure A 145-Pin TFLGA (PTLG0145JC-A), added
169
Figure B 145-Pin TFLGA (PTLG0145KB-A), added
171
Figure D 100-Pin TFLGA (PTLG0100JB-A), added
173
Figure F 64-Pin TFBGA (PTBG0064KB-A), added
175
Figure H 48-Pin HWQFN (PWQN0048KC-A), added
1.20
Sep 30, 2024 1. Overview
9
Table 1.1 Outline of Specifications Note2, deleted
16
Table 1.3 List of Products Note, added
17
Figure 1.1 How to Read the Product Part Number, changed
2. Electrical Characteristics
81
Table 2.3 Recommended Operating Conditions (2) Note1, changed
TN-RX*-A0273A/E
84
Table 2.6 DC Characteristics (3), changed
130
Figure 2.57 Simple IIC Bus Interface Input/Output Timing, changed
147
Table 2.46 RIIC Timing (1), changed
148
Table 2.47 RIIC Timing (2), changed
148
Figure 2.85 RIIC Bus Interface Input/Output Timing, changed
149
Table 2.48 RIICHS Timing (1), changed
150
Figure 2.86 RIICHS Bus Interface Input/Output Timing, changed
150, 151
Table 2.49 RIICHS Timing (2), changed
TN-RX*-A0266A/E
165
Table 2.63 Option Setting Memory Characteristics, added
TN-RX*-A0276B/E
REVISION HISTORY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com