Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

XRAG2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # XRAG2
Description  432-bit UHF, EPCglobal Class1 Generation2 and ISO 18000-6C, contactless memory chip with user memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

XRAG2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button XRAG2_08 Datasheet HTML 7Page - STMicroelectronics XRAG2_08 Datasheet HTML 8Page - STMicroelectronics XRAG2_08 Datasheet HTML 9Page - STMicroelectronics XRAG2_08 Datasheet HTML 10Page - STMicroelectronics XRAG2_08 Datasheet HTML 11Page - STMicroelectronics XRAG2_08 Datasheet HTML 12Page - STMicroelectronics XRAG2_08 Datasheet HTML 13Page - STMicroelectronics XRAG2_08 Datasheet HTML 14Page - STMicroelectronics XRAG2_08 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
XRAG2
XRAG2 memory mapping
11/33
●
Tag mask-identifier 007h for STMicroelectronics
●
Tag model number 240h for XRAG2
2.2
Initial delivery state
XRAG2 devices are delivered as follows:
●
Reserved bank, with Access and Kill passwords set to 00000000h
●
Protocol Control word programmed to 3000h (96 bits long EPC code)
●
EPC bank, all 00h except for PC word
●
TID bank programmed and locked as described in Section 2.1: Tag identification (TID)
structure
●
User bank, All 00h
Table 3.
Structure of EPC TID
b0 b1b2 b3
b4 b5b6 b7
b8 b9b10 b11
b12 b13 b14
b15
30h
32 bits
20h
ST reserved
10h
7240h
00h
E200h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com