Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GY-CSHPM1-23 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # GY-CSHPM1-23
Description  OSLON® SSL 150
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GY-CSHPM1-23 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button GY-CSHPM1-23 Datasheet HTML 6Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 7Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 8Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 9Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 10Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 11Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 12Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 13Page - ams-OSRAM AG GY-CSHPM1-23 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
GY CSHPM1.23
DATASHEET
DATASHEET
10 | Version 1.5 | 2023-03-24
Forward Voltage 5)
ΔV
F = VF - VF(25 °C) = f(Tj); IF = 350 mA
GY CSHPM1.23
-40-20
020406080 100 120
Tj [°C]
-0,1
0,0
0,1
0,2
∆VF [V]
Relative Luminous Flux 5)
Φ
v/Φv(25 °C) = f(Tj); IF = 350 mA
GY CSHPM1.23
-40-20
020406080 100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
1,6
1,8
Φv
Φv(25°C)
Dominant Wavelength 5)
Δλ
dom = λdom - λdom(25 °C) = f(Tj); IF = 350 mA
GY CSHPM1.23
-40-20
020406080 100 120
Tj [°C]
-20
-10
0
10
20
∆λ dom [nm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com