Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GY-VJLPL1-F3 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # GY-VJLPL1-F3
Description  OSLON® Pure 1414
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GY-VJLPL1-F3 Datasheet(HTML) 2 Page - ams-OSRAM AG

  GY-VJLPL1-F3 Datasheet HTML 1Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 2Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 3Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 4Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 5Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 6Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 7Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 8Page - ams-OSRAM AG GY-VJLPL1-F3 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
GY VJLPL1.F3
DATASHEET
DATASHEET
2 | Version 1.2 | 2024-10-25
OSLON® Pure 1414
GY VJLPL1.F3
The OSLON Pure® 1414, one of the best lumen density, excel-
lent efficiency and color homogeneity.
The OSLON Pure® 1414 come with full color spectrum and
color temperature of 1800K to 6500K that enable customer to
perform color tuning and tight clustering. It can be use stand
alone as well as in cluster together to achieve the spectrum that
you need.
Applications
- Appliances & Tools
- Entertainment
- Factory Automation
- Indoor Lighting
- Medical Lighting
- Outdoor & Industrial Lighting
- Projection & Display
- Robotics
Features
- Package: chip level conversion
- Typ. Radiation: 120° (Lambertian emitter)
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)
- Luminous Flux: typ. 116 lm @ 25 °C
- Luminous efficacy: typ. 113 lm/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com