Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KB-DDLM31-13 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KB-DDLM31-13
Description  SYNIOS™ S2222
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DDLM31-13 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KB-DDLM31-13 Datasheet HTML 2Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 3Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 4Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 9Page - ams-OSRAM AG KB-DDLM31-13 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
KB DDLM31.13
DATASHEET
DATASHEET
6 | Version 1.4 | 2025-06-16
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 140 mA
I
F = 140 mA
I
F = 140 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
6D
5000 mlm
5600 mlm
1750 mcd
7D
5600 mlm
6300 mlm
1960 mcd
8D
6300 mlm
7100 mlm
2210 mcd
5E
7100 mlm
8000 mlm
2490 mcd
6E
8000 mlm
9000 mlm
2810 mcd
7E
9000 mlm
10000 mlm
3140 mcd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 140 mA
I
F = 140 mA
min.
max.
V
F
V
F
24
2.80 V
3.00 V
64
3.00 V
3.20 V
A4
3.20 V
3.40 V
Wavelength Groups
Group
Dominant Wavelength 3)
Dominant Wavelength 3)
I
F = 140 mA
I
F = 140 mA
min.
max.
λ
dom
λ
dom
2
444 nm
449 nm
3
449 nm
453 nm
4
453 nm
457 nm
5
457 nm
461 nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com