Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KB-DDLN31-13 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # KB-DDLN31-13
Description  SYNIOS™ P2222
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KB-DDLN31-13 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button KB-DDLN31-13 Datasheet HTML 5Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 6Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 7Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 8Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 9Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 10Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 11Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 12Page - ams-OSRAM AG KB-DDLN31-13 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
KB DDLN31.13
DATASHEET
DATASHEET
9 | Version 1.1 | 2025-07-16
Forward current 6)
I
F = f(VF); TS = 25 °C
KB DDLN31.13
2,53,7
2,62,8
3,03,2
3,43,6
VF /V
10
50
100
150
200
250
IF /mA
Relative Luminous Flux 6), 7)
Φ
v/Φv(200 mA) = f(IF); TS = 25 °C
KB DDLN31.13
IF /mA
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΦV
ΦV(200mA)
Dominant Wavelength 6)
Δλ
dom = f(IF); TS = 25 °C
KB DDLN31.13
IF /mA
-4
-2
0
2
4
6
8
'O dom /nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com