Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KRTB-EKLP42-32 Datasheet(PDF) 13 Page - ams-OSRAM AG

Part # KRTB-EKLP42-32
Description  DISPLIX E0808
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KRTB-EKLP42-32 Datasheet(HTML) 13 Page - ams-OSRAM AG

Back Button KRTB-EKLP42-32 Datasheet HTML 9Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 10Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 11Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 12Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 13Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 14Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 15Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 16Page - ams-OSRAM AG KRTB-EKLP42-32 Datasheet HTML 17Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
KRTB EKLP42.32
2019-03-21
13
Relative Vorwärtsspannung5) Seite 27
Relative Forward Voltage5) page 27
V
F = VF - VF(25 °C) = f (Tj); IF = 10 mA; red
Relative Vorwärtsspannung5) Seite 27
Relative Forward Voltage5) page 27
V
F = VF - VF(25 °C) = f (Tj); IF = 5 mA; blue
Relative Vorwärtsspannung5) Seite 27
Relative Forward Voltage5) page 27
V
F = VF - VF(25 °C) = f (Tj); IF = 5 mA; true green
KRTBEKLP42.32
-40 -20
0
20
40
60
80 100
Tj / °C
-0,2
0,0
0,2
0,4
ΔVF / V
: red
KRTBEKLP42.32
-40 -20
0
20
406080 100
Tj / °C
-0,2
0,0
0,2
0,4
ΔVF / V
: blue
KRTBEKLP42.32
-40 -20
0
20
40
60
80 100
Tj / °C
-0.2
0.0
0.2
0.4
ΔVF / V
: true green



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com