| Electronic Components Datasheet Search |
|
MK50H25PLCC Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
MK50H25PLCC Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 64 page ![]() 4.2.4 Timer/Counters There are 5 independent counter-timers. The Host will write the value of these to the Initialization Block. COUNTER DESCRIPTION N1 MAXIMUM FRAME LENGTH. This field must contain the t wo’s complement of one less than the maximum allowable frame length, in bytes. Any frame that exceeds this count will be discarded. N2 MAXIMUM RETRANSMISSION COUNT. This field must contain the two’s complement of one less than the maximum number of retransmissions that will be made following the expiration of T1. If CSR2<14> bit EIBEN=1 then the MK50H25 will expect the value for counter N2 to be located in the upper byte of IADR + 40. SCALER TIMER PRESCALER. Timers T1, T3, and TP are scaled by this number. The prescaler is incremented once every 32 system clock pulses. When it reaches the timers are incre- mented and the prescaler is reset. This field is interpreted as two’s complement of the prescaler period. If CSR2<14> bit EIBEN=1 then the MK50H25 will use the entire 16-bit value at IADR+08 as the prescaler value. This may be required to achieve long timer values when operating a high SYSCLK speeds. Note: a prescale value of 1 gives the smallest amount of scalling to the timers (64 clock pulses); zero gives the largest (8224 clock pulses if EIBEN=0, or 2,097,184 clock pulses if EIBEN=1). T1 RETRANSMISSION TIMER. Link control frames will be retransmitted upon expiration of the T1 timer if the appropriate response is not received. This field must contain the two’s complement of the period of timer T1. The scaled value of T1 should be made large enough to allow the remote station to receive the control frame and send its response. T3/T203 LINK IDLE TIMER. The link idle timer determines the amount of link idle time necessary to consider the link disconnected. If CSR2<12> bit T203E=1 it determines the amount of link idle time or time without receiving a valid frame before it begins a RR/P=1 polling se- quence to determine if the link is still connected. This field must contain the two’s com- plement of the period of T3 or T203. T3 is disabled if CSR5<04> RTSEN = 1 or if the MK50H25 is in Transparent mode. 1 5 0 0 0 1 1 4 1 3 1 2 1 1 1 0 0 9 0 8 0 7 0 6 0 5 0 4 0 3 0 2 IADR + 06 IADR + 08 IADR + 10 IADR + 12 COUNTER N1 TIMER T1 TIMER T3 IADR + 14 TIMER TP SCALER COUNTER N2 MK50H25 31/64 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |