Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA015B Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA015B
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015B Datasheet(HTML) 1 Page - STMicroelectronics

  STA015B Datasheet HTML 1Page - STMicroelectronics STA015B Datasheet HTML 2Page - STMicroelectronics STA015B Datasheet HTML 3Page - STMicroelectronics STA015B Datasheet HTML 4Page - STMicroelectronics STA015B Datasheet HTML 5Page - STMicroelectronics STA015B Datasheet HTML 6Page - STMicroelectronics STA015B Datasheet HTML 7Page - STMicroelectronics STA015B Datasheet HTML 8Page - STMicroelectronics STA015B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
1/55
STA015
STA015B STA015T
March 2004
SINGLE CHIP MPEG2 LAYER 3 DECODER
SUPPORTING:
– All features specified for Layer III in ISO/IEC
11172-3 (MPEG 1 Audio)
– All features specified for Layer III in ISO/IEC
13818-3.2 (MPEG 2 Audio)
– Lower sampling frequencies syntax exten-
sion, (not specified by ISO) called MPEG 2.5
DECODES LAYER III STEREO CHANNELS,
DUAL CHANNEL, SINGLE CHANNEL (MONO)
SUPPORTING ALL THE MPEG 1 & 2
SAMPLING FREQUENCIES AND THE
EXTENSION TO MPEG 2.5:
48, 44.1, 32, 24, 22.05, 16, 12, 11. 025, 8 KHz
ACCEPTS MPEG 2.5 LAYER III
ELEMENTARY COMPRESSED BITSTREAM
WITH DATA RATE FROM 8 Kbit/s UP TO 320
Kbit/s
ADPCM CODEC CAPABILITIES:
– sample frequency from 8 kHz to 32 kHz
– sample size from 8 bits to 32 bits
– encoding algorithm: DVI,
ITU-G726 pack (G723-24, G721,G723-40)
– Tone control and fast-forward capability
EASY PROGRAMMABLE GPSO INTERFACE
FOR ENCODED DATA UP TO 5Mbit/s
(TQFP44 & LFBGA 64)
DIGITAL VOLUME CONTROL
DIGITAL BASS & TREBLE CONTROL
BYPASS MODE FOR EXTERNAL AUDIO
SOURCE
SERIAL BITSTREAM INPUT INTERFACE
EASY PROGRAMMABLE ADC INPUT
INTERFACE
ANCILLARY DATA EXTRACTION VIA I
2C
INTERFACE.
SERIAL PCM OUTPUT INTERFACE (I
2S AND
OTHER FORMATS)
PLL FOR INTERNAL CLOCK AND FOR
OUTPUT PCM CLOCK GENERATION
CRC CHECK AND SYNCHRONISATION
ERROR DETECTION WITH SOFTWARE
INDICATORS
I2C CONTROL BUS
LOW POWER 2.4V CMOS TECHNOLOGY
WIDE RANGE OF EXTERNAL CRYSTALS
FREQUENCIES SUPPORTED
APPLICATIONS
PC SOUND CARDS
MULTIMEDIA PLAYERS
VOICE RECORDERS
DESCRIPTION
The STA015 is a fully integrated high flexibility
MPEG Layer III Audio Decoder, capable of decod-
ing Layer III compressed elementary streams, as
specified in MPEG 1 and MPEG 2 ISO standards.
The device decodes also elementary streams
compressed by using low sampling rates, as spec-
ified by MPEG 2.5. STA015 receives the input
data through a Serial input Interface. The decoded
signal is a stereo, mono, or dual channel digital
output that can be sent directly to a D/A converter,
by the PCM Output Interface.
This interface is software programmable to adapt
the STA015 digital output to the most common
DACs architectures used on the market. The func-
tional STA015 chip partitioning is described in
Fig.1a and Fig.1b.
ORDERING NUMBER: STA015$ (SO28)
STA015T$ (TQFP44)
STA015B$ (LFBGA 8x8)
SO28
TQFP44
LFBGA64
MPEG 2.5 LAYER III AUDIO DECODER
WITH ADPCM CAPABILITY


Similar Part No. - STA015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA015B STMICROELECTRONICS-STA015B Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
STA015B STMICROELECTRONICS-STA015B Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results

Similar Description - STA015B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
MPEG 2.5 LAYER III AUDIO DECODER
Feb-2004
STA014 STMICROELECTRONICS-STA014 Datasheet
466Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM AND SRS WOWO POSTPROCESSING CAPABILITY
Jul-2000
STA015 STMICROELECTRONICS-STA015 Datasheet
277Kb / 44P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
Feb-2000
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
MPEG Audio Decoder LSI
logo
STMicroelectronics
STA016T STMICROELECTRONICS-STA016T Datasheet
249Kb / 45P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
May-2001
STA016A STMICROELECTRONICS-STA016A Datasheet
268Kb / 43P
MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY
Jul-2004
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
MPEG 2.5 LAYER III AUDIO DECODER
Jan-2002
logo
Micronas
MAS3507D MICRONAS-MAS3507D Datasheet
867Kb / 60P
MPEG 1/2 Layer 2/3 Audio Decoder
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA015 STMICROELECTRONICS-STA015_10 Datasheet
1Mb / 56P
MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
26-Apr-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com