Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7571 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 4Page - STMicroelectronics TDA7571 Datasheet HTML 5Page - STMicroelectronics TDA7571 Datasheet HTML 6Page - STMicroelectronics TDA7571 Datasheet HTML 7Page - STMicroelectronics TDA7571 Datasheet HTML 8Page - STMicroelectronics TDA7571 Datasheet HTML 9Page - STMicroelectronics TDA7571 Datasheet HTML 10Page - STMicroelectronics TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical specifications
TDA7571
8/21
Pdt
Power dissipation of the external
power transistors
@ Pout = 25W, bridge
configuration, 1x250W system
10
W
THD
Total harmonic distortion
@ Pout = 10 W, single ended
0.1
%
@ Pout = 40 W, bridge
0.05
%
Vohs
Half scale output voltage
single-ended, output voltage
@ IN
= −6dBFS
10
Vrms
En
Output noise @ IN = -999dBFS
"A" weighted, single-ended
“A” weighted, bridge
180
100
µV
DR
Dynamic range
“A” weighted, -60dBFS, Single-
ended PLL option circuit
85
dB
“A” weighted, -60dBFS, Bridge
free running oscillation option
96
dB
S/N
Signal-to-noise ratio (noise floor)
"A" weighted, single-ended
“A” weighted, bridge
100
110
dB
Ge
Gain error
f = 1kHz
1.5
dB
ΔG
e
Delta gain error between
channels
f = 1kHz
0.2
dB
ct
Crosstalk
f = 1kHz, Vo = 1Vrms
60
dB
Vgspth
Threshold voltage of the
Pchannel Vgs sensor
(VSpx1 - VGpxs)
2.533.5
V
Vgsnth
Threshold voltage of the
Pchannel Vgs sensor
(VSnxs - VSnx1)
2.533.5
V
Am
Mute attenuation
Vo = 1Vrms
80
90
dB
SVR
Supply voltage rejection
f = 100Hz, Vr = 0.5V
50
60
dB
FSW
Switching frequency
FS x 8
KHz
Vil
3.3V Logic inputs low level
voltage
pin: ST-BY, MUTE, SD, WS,
SCK, MCLK bridge
1.5
V
Vih
3.3V Logic inputs high level
voltage
2.3
V
Vil
5V Logic inputs low level voltage
pin: L/R, CD SEL1, CD SEL2, P/O,
D1, D2. (these pins are typically
connected to the DGND or 5V
dig pins)
1.5
V
Vih
5V Logic inputs high level voltage
3.5
V
Table 5.
Electrical characteristics (continued)
(VS = ±25V, RL = 4Ω, f = 1kHz, Tj = 25°C, FS = 44.1kHz, Single-Ended, application circuit shown
in Figure 3, 2 x 65W/1 x 130W system, unless otherwise specified.)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com