Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KW-CDLMM1-TK Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-CDLMM1-TK
Description  OSLON® Compact PM
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-CDLMM1-TK Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-CDLMM1-TK Datasheet HTML 1Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 2Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 3Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 4Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 5Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 6Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 7Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 8Page - ams-OSRAM AG KW-CDLMM1-TK Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
KW CDLMM1.TK
DATASHEET
DATASHEET
2 | Version 1.3 | 2023-10-04
OSLON® Compact PM
KW CDLMM1.TK
Compact light source with isolated thermal pad for improved
heat dissipation and small z-tolerance (+/- 35 µm).
The OSLON Compact PM product family meets both excellent
brightness in combination with outstanding luminance.
Applications
- Dynamic Forward Lighting
- Static Forward Lighting
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.325, Cy = 0.345 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com