Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KW-CELMM2-TK Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # KW-CELMM2-TK
Description  OSLON™ Boost HM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-CELMM2-TK Datasheet(HTML) 2 Page - ams-OSRAM AG

  KW-CELMM2-TK Datasheet HTML 1Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 2Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 3Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 4Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 5Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 6Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 7Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 8Page - ams-OSRAM AG KW-CELMM2-TK Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
KW CELMM2.TK
DATASHEET
DATASHEET
2 | Version 1.2 | 2025-05-14
OSLON™ Boost HM
KW CELMM2.TK
OSLON™ Boost HM utilizes the high current capability of the
latest chip generation in a special package for good thermal
behaviour. The LED is characterized by a high luminance of up
to 275 cd / mm² and a high luminous flux. Therefore this LED is
ideally suited as a powerful light source for ultra-slim headlamp
designs.
Applications
- Dynamic Forward Lighting
- Static Forward Lighting
Features
- Package: Ceramic package
- Chip technology: UX:3
- Typ. Radiation: 120° (Lambertian emitter)
- Color: Cx = 0.3104, Cy = 0.3162 acc. to CIE 1931 (● white)
- Corrosion Robustness Class: 3A
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com