Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND30PNET11100M1 Datasheet(PDF) 5 Page - LUMEL S.A.

Part # ND30PNET11100M1
Description  METER OF POWER NETWORK PARAMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND30PNET11100M1 Datasheet(HTML) 5 Page - LUMEL S.A.

  ND30PNET11100M1 Datasheet HTML 1Page - LUMEL S.A. ND30PNET11100M1 Datasheet HTML 2Page - LUMEL S.A. ND30PNET11100M1 Datasheet HTML 3Page - LUMEL S.A. ND30PNET11100M1 Datasheet HTML 4Page - LUMEL S.A. ND30PNET11100M1 Datasheet HTML 5Page - LUMEL S.A. ND30PNET11100M1 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
www.lumel.com.pl
5
ND30PNET - METEROFPOWERNETWORKPARAMETERSWITHPROFINET
METER CONFIGURATION WITH FREE eCON SOFTWARE
ability to configure and update ND30PNET
with free eCon software
(via RS-485)
*- availability of feature depends on hardware
version of ND30PNET
ND30PNET
ND30PNET - configuration
Turn off forms validation for ND30PNET
ORDERING CODE
ND30PNET X
X
X
XX
X
X
Input voltage (phase/phase-to-phase) Un:
3 x 57.7/ 100 V, 3x 230/ 400 V
1
3 x 110/ 190 V, 3 x 400/ 690 V
2
Additional outputs /inputs:
2 relays
1
2 relays, 1 analog output, 2 inputs PT100
2
2 relays, 1 analog output, 2 binary inputs (galvanically isolated)
3
Supply:
85...253 V a.c., 90...300 V d.c.
1
20...40 V a.c., 20...60 V d.c.
2
Version:
standard
00
custom-made*
XX
Language:
Polish/ English
M
other*
X
Acceptance tests:
without additional quality requirements
0
with an extra quality inspection certificate
1
with calibration certificate
2
acc.to customer’s request*
X
Order example:
The code: ND30PNET 122100M0 means:
ND30PNET - meter ND30PNET
1 - input voltage 3 x 57.7/ 100 V, 3x 230/ 400 V
2 - 2 relays, 1 analog output, 2 inputs PT100
1 - supply: 85...253 V a.c., 90...300 V d.c.
00 - standard version
M - Polish/English language version
0 - without additional quality requirements.
* only after agreeing with the manufacturer



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com