Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ND30PNET11100X1 Datasheet(PDF) 3 Page - LUMEL S.A.

Part # ND30PNET11100X1
Description  METER OF POWER NETWORK PARAMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND30PNET11100X1 Datasheet(HTML) 3 Page - LUMEL S.A.

  ND30PNET11100X1 Datasheet HTML 1Page - LUMEL S.A. ND30PNET11100X1 Datasheet HTML 2Page - LUMEL S.A. ND30PNET11100X1 Datasheet HTML 3Page - LUMEL S.A. ND30PNET11100X1 Datasheet HTML 4Page - LUMEL S.A. ND30PNET11100X1 Datasheet HTML 5Page - LUMEL S.A. ND30PNET11100X1 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.lumel.com.pl
3
ND30PNET - METEROFPOWERNETWORKPARAMETERSWITHPROFINET
SAFETY AND COMPATIBILITY REQUIREMENTS
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation insured by the casing
double
acc. to EN 61010-1
Isolation between circuits
basic
acc. to EN 61010-1
Polution level
2
acc. to EN 61010-1
Installation category
III
acc. to EN 61010-1
Maximal phase-to-earth voltage
• for supply circuit and relay outputs 300 V
• for measuring input 500 V
• for circuits of RS-485, Ethernet, pulse input and output, analog outputs, temperature
or binary inputs: 50 V
acc. to EN 61010-1
Altitude a.s.l.
< 2000 m
EXTERNAL FEATURES
Readout field
graphic color display LCD TFT 3,5’’, 320 x 240 pixels
Overall dimensions
96 x 96 x 77 mm
mounting hole 92.5 x 92.5 mm
Weight
0.3 kg
Protection grade
from frontal side: IP65
from terminal side: IP20
RATED OPERATING CONDITIONS
Supply voltage
85...253 V a.c. (40...50...400 Hz) , 90...300 V d.c.
or 20...40 V a.c., 20...60 V d.c.
power consumption ≤ 6 VA
Power consumption
in voltage circuit ≤ 0.2 VA
in current circuit ≤ 0.1 VA
Input signal
0...0.1...1.2 In; 0.1…0.2...1.2 Un for current, voltage, PFi,tg
ji
frequency 45...50...60...100 Hz, sinusoidal (THD ≤ 8%)
Power factor
-1…0…1
Preheating time
5 min.
Ambient temperature
-10…23…55°C, class K55 acc. to EN61557-12
Humidity
0...40...65…95%
without condensation
Operating position
any
External magnetic field
≤ 40…400 A/m d.c.
≤ 3 A/m a.c. 50/60 Hz
Short-term overload
voltage input: 2 Un (5 sec.)
current input 50 A (1 sec.)
Admissible crest factor
current: 2
voltage: 2
Additional error (in % of the intrinsic error)
from ambient temperature change: < 50% / 10°C
Description of meter connections strips
CONNECTION DIAGRAMS
Indirect measurement in 4-wire network -
connection of input signals
PNET
Profinet
option
PNET
or
21
20
19
18
16 17
15
14
13
12
A1
26
25
24
22 23
A2
B
GNDI
Ethernet ( Opcja )
ND30
L1
L2
L3
N
A
RS485
+
0 .. 20
27
2
9
6 7
4
3
1
11
8
5
IL1
IL2
IL3
B1
B2
mA
+(-) -(+) +(-) -(+)
Opcja
21
20
19
18
16 17
15
14
13
12
A1
26
25
24
22 23
A2
B
GNDI
Ethernet ( Opcja )
ND30
L1
L2
L3
N
A
RS485
+
0 .. 20
27
2
9
6 7
4
3
1
11
8
5
IL1
IL2
IL3
T1
T2
Opcja
mA
option



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com