Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NJU6366 Datasheet(PDF) 2 Page - Nisshinbo Micro Devices Inc.

Part # NJU6366
Description  Small Sized Quartz Crystal Oscillator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

NJU6366 Datasheet(HTML) 2 Page - Nisshinbo Micro Devices Inc.

  NJU6366 Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. NJU6366 Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. NJU6366 Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. NJU6366 Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. NJU6366 Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. NJU6366 Datasheet HTML 6Page - Nisshinbo Micro Devices Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2016/08/22 ( 2 / 6 )
NJU6366 Series
■TERMINAL DESCRIPTION
SYMBOL
FUNCTION
CONT
Oscillation and 3-state Output Buffer Control
CONT
FOUT
H or OPEN
Output either one frequency selected of f0,
f0/2,f0/4 and f0/8
Note1)
L
Oscillation Stop and High impedance Output
XT
Quartz Crystal Connecting Terminals
XT
VSS
VSS=0V
FOUT
Frequency Output
VDD
VDD=2.5V/3.0V/5.0V
Note1)
Refer to the line-up table.
■ABSOLUTE MAXIMUM RATINGS
(Ta=25°C)
PARAMETER
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.5 to +7.0
V
Input Voltage
VIN
VSS-0.5 to VDD+0.5
V
Output Voltage
VO
-0.5 to VDD+0.5
V
Input Current
IIN
10
mA
Output Current
IO
25
mA
Power Dissipation
Note4)
PD
200(SOT-23-6-1)
mW
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Note2)
If the supply voltage(VDD) is less than 7.0V, the input voltage must not over the VDD level though 7.0V is
limit specified.
Note3)
Decupling capacitor should be connected between VDD and VSS due to the stabilized operation for the
circuit.
Note4)
The power dissipation is the maximum value at only the package.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com