Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KW-DNLS31-RA Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # KW-DNLS31-RA
Description  SYNIOS® E2314
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DNLS31-RA Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button KW-DNLS31-RA Datasheet HTML 2Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 3Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 4Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 5Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 6Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 7Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 8Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 9Page - ams-OSRAM AG KW-DNLS31-RA Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
KW DNLS31.RA
DATASHEET
DATASHEET
6 | Version 1.4 | 2024-12-09
Brightness Groups
Group
Luminous Flux 1)
Luminous Flux 1)
Luminous Intensity 6)
I
F = 80 mA
I
F = 80 mA
I
F = 80 mA
min.
max.
typ.
Φ
V
Φ
V
I
v
6G
20.1 lm
22.4 lm
7.0 cd
7G
22.4 lm
25.0 lm
7.8 cd
8G
25.0 lm
28.0 lm
8.7 cd
5H
28.0 lm
31.5 lm
9.8 cd
6H
31.5 lm
35.5 lm
11.1 cd
7H
35.5 lm
40.0 lm
12.5 cd
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 80 mA
I
F = 80 mA
min.
max.
V
F
V
F
22
2.80 V
2.90 V
42
2.90 V
3.00 V
62
3.00 V
3.10 V
82
3.10 V
3.20 V
A2
3.20 V
3.30 V
C2
3.30 V
3.40 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com