Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NR30BAC112101M1 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # NR30BAC112101M1
Description  Rail mounted poweR netwoRk meteR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NR30BAC112101M1 Datasheet(HTML) 2 Page - LUMEL S.A.

  NR30BAC112101M1 Datasheet HTML 1Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 2Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 3Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 4Page - LUMEL S.A. NR30BAC112101M1 Datasheet HTML 5Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.lumel.com.pl
2
technical data
Galvanic isolation
Features
RTC
Password
protection
THD
AC
RS
485
2x
inputs
outputs
RS
485
Zasilanie
RS
485
RS
485
Zasilanie
RS
485
Zasilanie
RS
485
Zasilanie
alarm.
phaseL1
phaseL2
phaseL3
NR30BAC - RailmountedpoweRnetwoRkmeteRwithBACnet
4x
RS
485
Supply
Ethernet
RS
485
BAC
net
BAC
net
BAC
net
* -availableonlywithanadditional
s4ao module
*
MeasurinG ranGes
Measured value
Measuring range
l1
l2
L3
Σ
class
current 1/5 a
1 a~
5 a~
0.010 ...0.100...1.200 a (tr_i=1)
0.050 ...0.500... 6.000 a (tr_i=1)
...20.00 ka (tr_i≠1)
•
•
•
0.2 (en 61557-12)
Voltage l-n 57.7 V~
230 V~
400 V~
5.7...11.5 ...70.0 V (tr_u=1)
23.0...46 ... 276.0 V (tr_u=1)
40.0..80 ... 480.0 V (tr_u=1)
...480.0 kV (tr_u≠1)
•
•
•
0.2 (en 61557-12)
Voltage l-l 100 V~
400 V~
690 V~
10.0 ...20...120.0 V (tr_u=1)
40.0...80 ... 480.0 V (tr_u=1)
69.0...138 ... 830.0 V (tr_u=1)
...830.0 kV (tr_u≠1)
•
•
•
0.5 (en 61557-12)
active power p
i, average active power pdt
... (-)1999.9 w
...(-)1999.9 mw (tr_u≠1.tr_i≠1)
•
•
•
•
0.5 (en 61557-12)
Reactive power Q
i
... (-)1999.9 Var
...(-)1999.9 mVar (tr_u≠1.tr_i≠1)
•
•
•
•
1 (en 61557-12)
apparent power S
i,
avarage apparent power S
dt
...1999.9 Va
...1999.9 mVa (tr_u≠1.tr_i≠1)
•
•
•
•
0.5 (en 61557-12)
active energy enp
(imported or exported)
...(-)1999.9wh
...(-)1999.9mwh(tr_u≠1.tr_i≠1)
•
0.2s (en 62053-22)
Reactive energy enQ
(inductive or capacitive)
... (-)1999.9 Varh
...(-)1999.9 mVarh (tr_u≠1.tr_i≠1)
•
1 (en 61557-12)
apparent energy enS
... 1999.9 Vah
...1999.9 mVah (tr_u≠1.tr_i≠1)
•
0.5 (en 61557-12)
active power factor pF
i
-1.00 ...0 ...1.00
•
•
•
•
1 (en 61557-12)
coefficient tg
-999.99 ... -1.20 ... 0 ... 1.20 ... 999.99
•
•
•
•
1
Frequency f
45.00...65.00 hz
•
0.1 (en 61557-12)
total harmonic distortion
of voltage thdu and current thdi
0.0 ...100.0 %
•
•
•
•
5 (en 61557-12)
amplitudes of the voltage u
h1 ...uh50 ,
and current i
h1 … ih50
0.0 ...100.0 %
•
•
•
ii (iec61000-4-7)
tr_i - Ratio of current transformer = primary current of transformer / Secondary current of current transformer,
tr_u - Ratio of voltage transformer = primary voltage of transformer / Secondary voltage of voltage transformer,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com