Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

USBAFT Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USBAFT
Description  CONN USB A FEM FIELD TERM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USBAFT Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USBAFT Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.71
43.5
5 POSITION
.197 [5.00mm] PITCH
TERMINAL BLOCK
"J2"
.625
15.9
.57
14.4
.85
21.5
2X #4-40 UNC-2B
SERIES "A"
USB FEMALE
CONNECTOR
"J1"
.625
15.9
.250
6.4
2X
.136
3.5
.313
7.9
.531
13.5
RECOMMENDED
PANEL MOUNTING
(FOR PANELS .11 THICK OR LESS)
.625
15.9
2X
.136
3.5
.313
7.9
.656
16.7
.330
8.4
RECOMMENDED
PANEL MOUNTING
(FOR PANELS .12 THICK OR MORE)
NOTES:
1. INCLUDE MOUNTING HARDWARE (2) #4-40 UNC-2A X .37 [9.5mm] LONG
PHILLIPS PAN HD SCREWS.
2. ASSEMBLY SHALL BE TESTED FOR CONTINUITY.
3. ASSEMBLY SHALL BE INDIVIDUALLY PACKAGED IN ACCORDANCE WITH
L-COM SPECIFICATION PS-0031.
RoHS Compliant 
B
B
WIRE MAP
"J1"
"J2"
SIGNAL
1
1
CABLE POWER
2
2
DATA-
3
3
DATA+
4
4
CABLE GROUND
GND
GND CONNECTOR SHELL
A
B
C
D
45 BEECHWOOD DRIVE
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
USBAFT
B
USBAFT.SLDDRW
1
1
D. PARHAM
7/23/09
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
S. SMITH
7/23/09
11/18/09
A
A
INITIAL RELEASE
ECN 99999: CHANGED SCREW HEADS TO PHILLIPS/SLOTTED
11/25/09
D.GRIFFIN
D. CASTRO
B
ECN4842: ADDED SIGNAL COLUMN TO WIRE MAP. MOFIFIED NOTE 3.
06/16/10
DFO
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
CONN USB A FEM FIELD TERM
USB
PROJECTION
UNLESS OTHERWISE SPECIFIED,
D. CASTRO
COLOR VARIATIONS
MAY OCCUR
7/23/09
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2
.XX = ± .02
.XXX = ±.005


Similar Part No. - USBAFT

ManufacturerPart #DatasheetDescription
logo
AG Electronica
USBAF90 AGELECTRONICA-USBAF90 Datasheet
257Kb / 2P
CONECTOR USB TIPO A, ÁNGULO RECTO HEMBRA
15/11/2019
More results

Similar Description - USBAFT

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
2531A-04G5T SUYIN-USA-2531A-04G5T Datasheet
29Kb / 1P
USB Conn. R/A SMT Femole Type
2531A-04G5T-AP SUYIN-USA-2531A-04G5T-AP Datasheet
41Kb / 1P
USB Conn. R/A SMT Female Type
2531S-04G5T SUYIN-USA-2531S-04G5T Datasheet
31Kb / 1P
USB Conn. R/A Dip Female Type
020004MR004S500ZU SUYIN-USA-020004MR004S500ZU Datasheet
63Kb / 1P
USB CONN R/A SMT FEMALE TYPE
020173MR004F1OKZL SUYIN-USA-020173MR004F1OKZL Datasheet
126Kb / 1P
USB CONN A DIP FEMALE TYPE
020173MR004G104ZU SUYIN-USA-020173MR004G104ZU Datasheet
90Kb / 1P
USB CONN R/A DIP FEMALE TYPE
020173MR004G105ZA SUYIN-USA-020173MR004G105ZA Datasheet
93Kb / 1P
USB CONN R/A DIP FEMALE TYPE
logo
ERNI Electronics
244306 ERNI-244306 Datasheet
74Kb / 1P
Fem. Conn. C 96 solder
254897 ERNI-254897 Datasheet
126Kb / 1P
Fem. Conn. C 96 solder
101000760003 ERNI-101000760003 Datasheet
112Kb / 1P
Fem. Conn. C 64 Solder
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com