Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMSC3033 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSC3033
Description  7mm Open Calibration Kit Component for Precision Up to 18 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSC3033 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSC3033 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSC3033 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSC3033 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV 1.0 Page 1 of 3
Copyright © 2018
7mm open calibration kit component, part number FMSC3033, from Fairview
Microwave is in-stock and ships same day. This 7mm precision open circuit can be
used for calibration of most vector network analyzers (VNA), cable analyzers or
site analyzers. Coefficients for this 7mm open calibrating component are provided
in the datasheet. These can be entered into most VNAs to provide the necessary
corrections, thereby allowing replacement of misplaced or damaged calibration
components. Precision control of the impedance and electrical length allow for
OSLT analyzer calibrations over the complete frequency range of the connector
interface provided.
Fairview’s 7mm open circuit calibration component FMSC3033 datasheet
specifications and outline drawing are shown in this PDF below. Our extensive
offering for RF, microwave and millimeter wave components allows designers to
configure and customize their test solutions however they like. From calibration
kit replacement to SOLT / OSLT VNA calibration, Fairview Microwave has the right
calibration kit components to meet your needs and ship them same-day.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Phase Accuracy
±0.3
deg
Offset Loss
0
GOhm/s
Electrical Delay
0
ps
Capacitance
C0
92.85
10
-15F
C1
0
10
-27F/Hz
C2
7.2
10
-36F/Hz2
C3
4.3
10
-45F/Hz3
Mechanical Specifications
.
Pin Depth
0 to 0.0002 in
Connector 1
Connector Type
7mm Sexless
Body Material and Plating
Stainless Steel
Connector 2
Environmental Specifications
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
7mm Open Calibration Kit Component for Precision
Up to 18 GHz
FMSC3033
DATA SHEET
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• Controlled Impedance
• Published Calibration
Coefficients
• Replaces Damaged Calibrating
Kit Components
• Controlled Electrical Length
• Precision Interfaces
• In Stock and Ready to Ship
Applications:
• SOLT or OSLT Calibration
• VNA Calibration
• Device Characterization
• De-embedding
• Replacement Calibration Kits


Similar Part No. - FMSC3033

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSC3030 FAIRVIEW-FMSC3030 Datasheet
474Kb / 3P
3.5mm Male Open Calibration Kit Component for Precision Up to 26.5 GHz
REV 1.0
FMSC3031 FAIRVIEW-FMSC3031 Datasheet
477Kb / 3P
7/16 DIN Female Open Calibration Kit Component for Precision Up to 7.5 GHz
REV 1.0
FMSC3032 FAIRVIEW-FMSC3032 Datasheet
491Kb / 3P
7/16 DIN Male Open Calibration Kit Component for Precision Up to 7.5 GHz
REV 1.0
FMSC3034 FAIRVIEW-FMSC3034 Datasheet
475Kb / 3P
BNC Female Open Calibration Kit Component for Precision Up to 10 GHz
REV 1.0
FMSC3035 FAIRVIEW-FMSC3035 Datasheet
479Kb / 3P
BNC Male Open Calibration Kit Component for Precision Up to 10 GHz
REV 1.0
More results

Similar Description - FMSC3033

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5501-KIT PASTERNACK-PE5501-KIT Datasheet
138Kb / 1P
Type N, 18 GHz VNA Calibration Kit
PE5SC2000 PASTERNACK-PE5SC2000 Datasheet
417Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2001 PASTERNACK-PE5SC2001 Datasheet
417Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 26.5 GHz
PE5SC2002 PASTERNACK-PE5SC2002 Datasheet
418Kb / 4P
3.5mm Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2003 PASTERNACK-PE5SC2003 Datasheet
420Kb / 4P
3.5mm Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 8.5 GHz
PE5SC2004 PASTERNACK-PE5SC2004 Datasheet
418Kb / 4P
75 Ohm F Female General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC2005 PASTERNACK-PE5SC2005 Datasheet
419Kb / 4P
75 Ohm F Male General Purpose Calibration Kit Component Open Circuit Operating From DC to 3 GHz
PE5SC3000 PASTERNACK-PE5SC3000 Datasheet
581Kb / 6P
3.5mm General Purpose Calibration Kit Component Thru Operating From DC to 26.5 GHz
PE5SC3001 PASTERNACK-PE5SC3001 Datasheet
579Kb / 6P
3.5mm General Purpose Calibration Kit Component
PE5SC3002 PASTERNACK-PE5SC3002 Datasheet
583Kb / 6P
3.5mm General Purpose Calibration Kit Component
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com