Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JBK3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JBK3
Description  CONTROL TRANSFORMER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

JBK3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JBK3 Datasheet HTML 1Page - List of Unclassifed Manufacturers JBK3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JBK3、JBK4
机床控制变压器 CONTROL TRANSFORMER
JBK3、JBK4 系列机床控制变压器是吸收国外同类产品技术
制造的产品。接线方式可采用压接、插接两种方式,具有防止偶
然触及的接线端子。该产品适用于交流 50/60Hz、输入电压不超过
500V、输出电压不超过 220V 的电路中,可作为机床和机械设备
的控制电源,局部照明和指示灯电源。
主要技术参数 Mail technical data
负载下的输出电压
空载输出电压
参数
型号
额定
容量
(VA)
空载
损耗
(W)
效率
(%)
信号绕组
(V)
控制绕组
(V)
信号绕组
(V)
控制绕组
(V)
额定
输入
电压
(V)
额定
输出
电压
(V)
JBK3-40
JBK4-40
40
JBK3-63
JBK4-63
63
7
JBK3-100
JBK4-100
100
9
80
JBK3-160
JBK4-160
160
12
JBK3-250
JBK4-250
250
JBK3-400
JBK4-400
400
15
JBK3-630
JBK4-630
630
16
85
JBK3-800
JBK4-800
800
18
JBK3-1000
JBK4-1000
1000
20
6≥Um>5
12≥Um>10
JBK3-1600
JBK4-1600
1600
30
JBK3-2500
JBK4-2500
2500
50
90
6≥Um>4.5
12≥Um>9
95%~
105%UH
6 或 12
1.1Um
AC380
±5%
AC220
±5%
AC220
127
110
36
24
12
6
注:其他规格产品需特殊订货生产。
Note: Manufactured of the others on request.


Similar Part No. - JBK3

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
JBK1524S05 XPPOWER-JBK1524S05 Datasheet
213Kb / 2P
DC-DC Power Supplies
JBK1524S12 XPPOWER-JBK1524S12 Datasheet
213Kb / 2P
DC-DC Power Supplies
JBK1524S15 XPPOWER-JBK1524S15 Datasheet
213Kb / 2P
DC-DC Power Supplies
JBK1524S3V3 XPPOWER-JBK1524S3V3 Datasheet
213Kb / 2P
DC-DC Power Supplies
JBK1548S05 XPPOWER-JBK1548S05 Datasheet
213Kb / 2P
DC-DC Power Supplies
More results

Similar Description - JBK3

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
TCT3-04E07AE TRIAD-TCT3-04E07AE Datasheet
40Kb / 1P
Control Transformer
TCT3-11E07AE TRIAD-TCT3-11E07AE Datasheet
40Kb / 1P
Control Transformer
TCT40-06E07K TRIAD-TCT40-06E07K Datasheet
43Kb / 1P
Control Transformer
TCT40-08E07AB TRIAD-TCT40-08E07AB Datasheet
43Kb / 1P
Control Transformer
TCT40-09E07AB TRIAD-TCT40-09E07AB Datasheet
43Kb / 1P
Control Transformer
TCT50-03E07K TRIAD-TCT50-03E07K Datasheet
43Kb / 1P
Control Transformer
TCT50-04E07K TRIAD-TCT50-04E07K Datasheet
43Kb / 1P
Control Transformer
TCT50-05E07AB TRIAD-TCT50-05E07AB Datasheet
43Kb / 1P
Control Transformer
TCT50-07E07AE TRIAD-TCT50-07E07AE Datasheet
40Kb / 1P
Control Transformer
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4021-X116 VACUUMSCHMELZE-T60403-F4021-X116 Datasheet
33Kb / 1P
Control transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com