Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1007RED100 Datasheet(PDF) 1 Page - Pro-Power

Part # 1007RED100
Description  Wire UL1007 24AWG
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

1007RED100 Datasheet(HTML) 1 Page - Pro-Power

  1007RED100 Datasheet HTML 1Page - Pro-Power 1007RED100 Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Wire UL1007 24AWG
Page 1
30/01/08 V1.0
Specifications
Conductor
CSA
(mm2)
External
Diameter
Primary
Insulation
Material
Primary
Insulation
Colour
Conductor
Make-up
Voltage
Rating
(V ac)
Reel Length
(m)
Part Number
-000
1.43
PVC
Black
11/0.16
300
100
1007BLK100
500
1007BLK500
Blue
100
1007BLU100
500
1007BLU500
Red
100
1007RED100
500
1007RED500
Yellow
100
1007YEL100
500
1007YEL500
Dimensions: Millimetres (Unless Specified)


Similar Part No. - 1007RED100

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1007 MACOM-1007 Datasheet
50Kb / 1P
WILMAR??Protective Relays - 1000 Series
logo
List of Unclassifed Man...
1007 ETC2-1007 Datasheet
515Kb / 1P
QUICK-FIT TERMINALS
logo
Time Electronics Ltd.
1007 TIME-ELECTRONICS-1007 Datasheet
474Kb / 2P
1007 DC Millivolt Potentiometer and Calibrator
04/22
logo
Aptiv
1007 0,50 / 15305351 APTIV-1007 0,50 / 15305351 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
logo
Heyco.
10070 HEYCO-10070 Datasheet
126Kb / 1P
Nylon PCB Supports - Imperial Spacing
More results

Similar Description - 1007RED100

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
00-9176-00X-7XX-XX6 AVX-00-9176-00X-7XX-XX6 Datasheet
998Kb / 8P
18-24AWG IDC WIRE TO BOARD CONNECTOR
logo
Molex Electronics Ltd.
0639112500 MOLEX11-0639112500 Datasheet
32Kb / 1P
T2 Terminator for Flat Blade Crimp Terminals, 18-20 AWG, UL1007 Wire
2002184000 MOLEX-2002184000 Datasheet
39Kb / 1P
Hand Crimp Tool for CP-3.3 Wire-to-Wire Plug and Receptacle Terminals, 18-22 AWG, UL1007 Wire
11/02/2021
2037023200 MOLEX-2037023200 Datasheet
43Kb / 2P
FineAdjust Applicator for Nano-Fit Wire-to-Wire Plug Terminals, 24-26 AWG, UL1007 Wire
11/02/2021
0639043600 MOLEX-0639043600 Datasheet
45Kb / 2P
FineAdjust Applicator for Mega-Fit Crimp Terminals, 14-16 AWG, UL1007 Wire
11/02/2021
logo
List of Unclassifed Man...
UL1007 ETC-UL1007 Datasheet
64Kb / 1P
UL1007 Hook Up Wire Stranded or Solid
1/27/20
logo
Molex Electronics Ltd.
0639039900 MOLEX-0639039900 Datasheet
33Kb / 1P
FineAdjust Applicator for EdgeLock Crimp Terminal, 24 AWG, UL1007 wire
08/25/2022
2002181300 MOLEX-2002181300 Datasheet
20Kb / 1P
Hand Crimp Tool for ValuSeal Terminals, 16 AWG UL1007 / UL1569 Wire
08/25/2022
2133092400 MOLEX-2133092400 Datasheet
21Kb / 1P
Hand Crimp Tool for 2.00mm Pitch Board-In Crimp Terminals, 24AWG, UL1007 and UL1061 Wire
08/25/2022
797581095 MOLEX-797581095 Datasheet
140Kb / 1P
MILLIGRID GOLD PLATED 150MM 24AWG
2019/05/14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com