Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC81325M Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC81325M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC81325M Datasheet(HTML) 1 Page - STMicroelectronics

  MSC81325M Datasheet HTML 1Page - STMicroelectronics MSC81325M Datasheet HTML 2Page - STMicroelectronics MSC81325M Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRELIMINARY DATA
October 1992
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2NLFL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
EMITTER BALLASTED
.
RUGGEDIZED VSWR
∞:1
.
INPUT/OUTPUT MATCHING
.
OVERLAY GEOMETRY
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 325 W MIN. WITH 6.7 dB GAIN
DESCRIPTION
The MSC81325M device is a high power pulsed
transistor specifically designed for DME/TACAN
avionics applications.
This device is capable of withstanding an infinite
load VSWR at any phase angle under full rated
conditions. Low RF thermal resistance and semi-
automatic bonding techniques ensure high relia-
bility and product consistency.
The MSC81325M is housed in the industry-stand-
ard AMPAC™ metal/ceramic hermetic package
with internal input/output matching structures.
PIN CONNECTION
BRANDING
81325M
ORDER CODE
MSC81325M
ABSOLUTE MAXIMUM RATINGS (Tcase = 25°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation*
(TC
≤ 100˚C)
880
W
IC
Device Current*
24
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.17
°C/W
*Applies only to rated RF amplifier operation
MSC81325M
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/3


Similar Part No. - MSC81325M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81350M STMICROELECTRONICS-MSC81350M Datasheet
75Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
More results

Similar Description - MSC81325M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
logo
New Jersey Semi-Conduct...
SD1540 NJSEMI-SD1540 Datasheet
111Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com