Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSC81350M Datasheet(PDF) 1 Page - STMicroelectronics

Part # MSC81350M
Description  RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MSC81350M Datasheet(HTML) 1 Page - STMicroelectronics

  MSC81350M Datasheet HTML 1Page - STMicroelectronics MSC81350M Datasheet HTML 2Page - STMicroelectronics MSC81350M Datasheet HTML 3Page - STMicroelectronics MSC81350M Datasheet HTML 4Page - STMicroelectronics MSC81350M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
October 1992
AVIONICS APPLICATIONS
RF & MICROWAVE TRANSISTORS
.400 x .400 2NLFL (S042)
hermetically sealed
.
REFRACTORY/GOLD METALLIZATION
.
RUGGEDIZED VSWR 20:1
.
INTERNAL INPUT/OUTPUT MATCHING
.
LOW THERMAL RESISTANCE
.
METAL/CERAMIC HERMETIC PACKAGE
.
POUT
= 350 W MIN. WITH 7.0 dB GAIN
DESCRIPTION
The MSC81350M device is a high power pulsed
transistor specifically designed for IFF avionics
applications.
This device is capable of withstanding a minimum
20:1 load VSWR at any phase angle under full
rated conditions. Low RF thermal resistance and
semi automatic wire bonding techniques ensure
high reliability and product consistency.
The
MSC81350M
is
housed
in
the
unique
AMPAC
™ package with internal input/output
matching structures.
PIN CONNECTION
BRANDING
81350M
ORDER CODE
MSC81350M
ABSOLUTE MAXIMUM RATINGS (Tcase
= 25°C)
Symbol
Parameter
Value
Uni t
PDISS
Power Dissipation*
(TC
≤ 55°C)
720
W
IC
Device Current*
19.8
A
VCC
Collector-Supply Voltage*
55
V
TJ
Junction Temperature (Pulsed RF Operation)
250
°C
TSTG
Storage Temperature
− 65 to +200
°C
RTH(j-c)
Junction-Case Thermal Resistance*
0.20
°C/W
*Applies only to rated RF amplifier operation
MSC81350M
1. Collector
3. Emitter
2. Base
4. Base
THERMAL DATA
1/5


Similar Part No. - MSC81350M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
More results

Similar Description - MSC81350M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
MSC81325M STMICROELECTRONICS-MSC81325M Datasheet
73Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
MSC81400M STMICROELECTRONICS-MSC81400M Datasheet
65Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Oct-1992
SD1540-08 STMICROELECTRONICS-SD1540-08 Datasheet
72Kb / 5P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
Nov-1992
logo
Advanced Power Technolo...
MS2290 ADPOW-MS2290 Datasheet
94Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2554 ADPOW-MS2554 Datasheet
91Kb / 3P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1175M ADPOW-MSC1175M Datasheet
143Kb / 4P
RF & MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com