Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

7000514 Datasheet(PDF) 1 Page - Pro-Power

Part # 7000514
Description  7-2-C Series
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

7000514 Datasheet(HTML) 1 Page - Pro-Power

  7000514 Datasheet HTML 1Page - Pro-Power 7000514 Datasheet HTML 2Page - Pro-Power 7000514 Datasheet HTML 3Page - Pro-Power 7000514 Datasheet HTML 4Page - Pro-Power 7000514 Datasheet HTML 5Page - Pro-Power 7000514 Datasheet HTML 6Page - Pro-Power 7000514 Datasheet HTML 7Page - Pro-Power 7000514 Datasheet HTML 8Page - Pro-Power 7000514 Datasheet HTML 9Page - Pro-Power Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
7-2-C Series
Page <1>
20/12/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Specifications:
Description
: Sub-miniature cable, 7-2-2C, to Def Stan 61-12 (Part 4)
Conductors
: 0.22 mm2 (7/0.2 mm) annealed copper bunch, meeting the requirements of BS 6360, class 5
: Maximum resistance (completed cable) at 20°C
: 92
Ω/km
Insulation
: Type 2 PVC compound to BS 7655
: Minimum radial thickness
: 0.25 mm
: Minimum core diameter
: 1.15 mm
: Maximum core diameter
: 1.25 mm
Lay up
: 2 cores, red and blue
: Polyester tape
Screen
: 0.1 mm tinned annealed copper braid
: Minimum filling factor
: 0.7
Sheath
: Type 6 PVC compound to BS 7655
: Minimum radial thickness
: 0.3 mm
: Minimum overall diameter
: 3.6 mm
: Maximum overall diameter
: 4.1 mm
Service Data
: For local interconnection between instruments and electronic equipment
: Not suitable for direct connection to mains power supplies
: Maximum working voltage
: 440 V ac rms
: Nominal capacitance
: core to core : 105 pF/m
: core to screen : 195 pF/m
: Maximum (conductor) operating temperature
: 70°C
: Approximate mass / unit length
: 24.5 kg/km


Similar Part No. - 7000514

ManufacturerPart #DatasheetDescription
logo
Pro-Power
7000514 PROPOWER-7000514 Datasheet
221Kb / 2P
7-2-xxA & 7-2-xxC Series Defence Standard 61-12 Part 4
V1.0 20/08/13
More results

Similar Description - 7000514

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4254-A AKM-AKD4254-A Datasheet
978Kb / 24P
7:2 video switches
logo
Ferroxcube Internationa...
TGP-P11-C FERROXCUBE-TGP-P11-C Datasheet
53Kb / 1P
TGP-P11/7-C
logo
Amphenol Corporation
MS3470L12-10P AMPHENOL-MS3470L12-10P Datasheet
1Mb / 20P
MIL-C-26482 Series 2 Connectors
MB16A-1626P AMPHENOL-MB16A-1626P Datasheet
267Kb / 16P
MIL-C-26482, Series 2 Connectors
MB16R-2295SW AMPHENOL-MB16R-2295SW Datasheet
267Kb / 16P
MIL-C-26482, Series 2 Connectors
logo
ITT Industries
PV76L16-26P ITT-PV76L16-26P Datasheet
539Kb / 10P
MIL-C-26482, Series 2 Connectors
logo
PHOENIX CONTACT
2303239 PHOENIX-2303239 Datasheet
67Kb / 2P
USBR 2-7
2305538 PHOENIX-2305538 Datasheet
73Kb / 2P
USBRJ 2-7
logo
WAGO Kontakttechnik Gmb...
750-650-000-002 WAGO-750-650-000-002 Datasheet
533Kb / 12P
RS-232 C Serial Interface; 9600 baud; Even; 7/2 bits
logo
Coolgear Inc.
CG-7PU312C COOLGEAR-CG-7PU312C Datasheet
119Kb / 3P
USB-C 7 Port Hub with 2 USB-C and 5 USB-A – DIN Rail and Surge Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com