Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB-Q99G-01 Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LB-Q99G-01
Description  Chip LED 0603
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LB-Q99G-01 Datasheet(HTML) 1 Page - ams-OSRAM AG

  LB-Q99G-01 Datasheet HTML 1Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 2Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 3Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 4Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 5Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 6Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 7Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 8Page - ams-OSRAM AG LB-Q99G-01 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LB Q99G.01
DATASHEET
DATASHEET
1 | Version 1.3 | 2025-07-29
www.osram-os.com
LB Q99G.01
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - LB-Q99G-01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-Q39E OSRAM-LB-Q39E Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
logo
ams-OSRAM AG
LB-Q39E AMSOSRAM-LB-Q39E Datasheet
2Mb / 23P
Chip LED 0603
Version 1.12 2026-01-06
logo
OSRAM GmbH
LB-Q39E-N1OO-35-1 OSRAM-LB-Q39E-N1OO-35-1 Datasheet
1Mb / 21P
CHIPLED 0603
LB-Q39G OSRAM-LB-Q39G Datasheet
1Mb / 21P
SMT package 0603, colorless diffused resin
logo
ams-OSRAM AG
LB-Q39G AMSOSRAM-LB-Q39G Datasheet
2Mb / 23P
Chip LED 0603
Version 1.11 2026-01-06
More results

Similar Description - LB-Q99G-01

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
19-21BHC EVERLIGHT-19-21BHC Datasheet
154Kb / 10P
0603 Package Chip LED (0.8mm Height)
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
208Kb / 9P
0603 Package Infrared Chip LED
SIR19-315-TR8 EVERLIGHT-SIR19-315-TR8 Datasheet
312Kb / 9P
0603 Package Infrared Chip LED
2014-08-18
EAIST1708A0 EVERLIGHT-EAIST1708A0 Datasheet
581Kb / 9P
0603 Package Infrared Chip LED
logo
HK TO-GRACE TECHNOLOGY ...
19-21-BHC-AP1Q2-3T TO-GRACE-19-21-BHC-AP1Q2-3T Datasheet
842Kb / 10P
0603 Package Chip LED (0.8mm Height)
19-21-BHC-ZQ1R2N-3T TO-GRACE-19-21-BHC-ZQ1R2N-3T Datasheet
599Kb / 10P
0603 Package Chip LED (0.8mm Height)
19-21-R6C-FP1Q2L-3T TO-GRACE-19-21-R6C-FP1Q2L-3T Datasheet
1,023Kb / 10P
0603 Package Chip LED(0.8mm Height)
19-21-R7C-AK1L2BY-3T TO-GRACE-19-21-R7C-AK1L2BY-3T Datasheet
786Kb / 10P
0603 Package Chip LED(0.8mm Height)
19-213-G6W-FN1P1B-3T TO-GRACE-19-213-G6W-FN1P1B-3T Datasheet
1Mb / 10P
0603 Package Chip LED (0.6mm Height)
19-213-Y2C-CN1P2-3T TO-GRACE-19-213-Y2C-CN1P2-3T Datasheet
1Mb / 10P
0603 Package Chip LED (0.6mm Height)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com