Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GD32F310C8T6 Datasheet(PDF) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32F310C8T6
Description  Arm® Cortex®-M4 32-bit MCU
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32F310C8T6 Datasheet(HTML) 52 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32F310C8T6 Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD32F310C8T6 Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 81 page
background image
GD32F310xx Datasheet
51
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
frequency
VLXTALH(2)
OSC32IN input pin high level
voltage
—
0.7 VDD
—
VDD
V
VLXTALL(2)
OSC32IN input pin low level
voltage
—
VSS
—
0.3 VDD
tH/L(LXTAL) (2)
OSC32IN high or low time
—
450
—
—
ns
tR/F(LXTAL) (2)
OSC32IN rise or fall time
—
—
—
50
CIN(2)
OSC32IN input capacitance
—
—
5
—
pF
Ducy(LXTAL) (2)
Duty cycle
—
30
50
70
%
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
4.8
Internal clock characteristics
Table 4-18. High speed internal clock (IRC8M) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fIRC8M
High Speed Internal
Oscillator (IRC8M)
frequency
VDD = VDDA = 3.3 V
—
8
—
MHz
ACCIRC8M
IRC8M oscillator
Frequency accuracy,
Factory-trimmed
VDD = VDDA = 3.3 V,
TA = -40 °C ~ +85 °C for
grade 6 devices
—
-0.62 to
0.46(1)
—
%
VDD = VDDA = 3.3 V,
TA = -40 °C ~ +105 °C for
grade 7 devices
—
-0.7 to
0.46(1)
—
VDD = VDDA = 3.3 V, TA =
25 °C
-1.0
—
+1.0
IRC8M oscillator
Frequency accuracy, User
trimming step(1)
—
—
0.5
—
%
DucyIRC8M(2
)
IRC8M oscillator duty
cycle
VDD = VDDA = 3.3 V
45
50
55
%
IDDAIRC8M(1)
IRC8M oscillator operating
current
VDD = VDDA = 3.3 V
—
58
—
μA
tSUIRC8M(1)
IRC8M oscillator startup
time
VDD = VDDA = 3.3 V
—
1.2
—
μs
(1)
Based on characterization, not tested in production.
(2)
Guaranteed by design, not tested in production.
Table 4-19. Low speed internal clock (IRC40K) characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fIRC40K(1)
Low Speed Internal oscillator
(IRC40K) frequency
VDD = VDDA = 3.3 V
—
40
—
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com