Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

W-2022-R1NS10A Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # W-2022-R1NS10A
Description  MINI-WHEEL FLOWMETER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

W-2022-R1NS10A Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  W-2022-R1NS10A Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. W-2022-R1NS10A Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. W-2022-R1NS10A Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. W-2022-R1NS10A Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WIRING
[W-202
□ pulse output type]
Shield
[Red]
[White and black]
Pulse output
Power supply
12 to 24 VDC
[Black]
* In the case of open drain
+ Pulse output [White/Black]
- Pulse output [Black]
[W-203
□ current output type]
[W-204
□/W-205□ voltage output type]
Shield
[Red]
[Black]
[White]
[Green]
Current output
or
voltage output
*Power supply
24 VDC
* The power for W-205
□ is 12 to 24 VDC.
PRESSURE LOSS
10L/min
30L/min
5L/min
3L/min
Flow rate [L/min]
0
10
20
30
40
1
10
3L/min
5L/min
20L/min
10L/min
40・50L/min
30L/min
60L/min
100L/min
Note:This graph shows reference values for pressure
losses that may occur when there are no drifts
or swirling flows and the viscosity is equivalent
to that of water.
100
0.1
FLOW DIRECTION AND POSTURE
The following drawings show how to install flowmeters considering easy gas venting and full liquid flowing inside flowmeters.
(
○: Recommended △: Conditionally accepted ×: Not accepted)
<Upper side>
○ Horizontal
(ow path on upper)
× Horizontal
(ow path on lower)
× Horizontal
(Impeller mounted vertically)
○ Vertical (bottom to top)
△ Vertical (top to bottom)
<Lower side>
NOTES
◦Do not run signal cables along with other power or motor cables.
◦The inside diameter of process piping and fittings must be greater than the diameter of the flow path nozzle.
◦Install this product in a location where it will not be affected by magnetic fields.
◦When using the product, ensure that the main body is filled with water and that there is no air near the Impeller.
◦Do not use air blowers to blow the product. Otherwise, the Impeller and/or shaft may be damaged.
◦It is recommended that a straight section with a diameter of 10 D or larger (D: Inside diameter of the connected pipe) be provided in the
upstream piping if an uneven or swirling flow is expected to occur.
W-2000 MINI-WHEEL FLOWMETER
4
TOKYO KEISO CO., LTD.
TG-F2393-E00
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com