Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP14E6-E/SN Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP14E6-E/SN
Description  2.0A Dual High-Speed Power MOSFET Driver With Enable
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP14E6-E/SN Datasheet(HTML) 4 Page - Microchip Technology

  MCP14E6-E/SN Datasheet HTML 1Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 2Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 3Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 4Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 5Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 6Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 7Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 8Page - Microchip Technology MCP14E6-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
MCP14E6/7/8
DS20005006B-page 4
 2011-2023 Microchip Technology Inc. and its subsidiaries
Propagation Delay Time
tD3
—35
65
ns
VDD =12V, Figure 4-3
Propagation Delay Time
tD4
—35
65
ns
VDD =12V, Figure 4-3
Power Supply
Supply Voltage
VDD
4.5
—
18.0
V
Supply Current
IDD
—
1000
1800
µA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—
600
900
µA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—
800
1600
µA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = High
IDD
—
800
1600
µA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = High
IDD
—
600
1000
µA
VIN_A =3V, VIN_B =3V,
ENB_A = ENB_B = Low
IDD
—
300
450
µA
VIN_A =0V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—
500
800
µA
VIN_A =3V, VIN_B =0V,
ENB_A = ENB_B = Low
IDD
—
500
800
µA
VIN_A =0V, VIN_B =3V,
ENB_A = ENB_B = Low
DC CHARACTERISTICS (OVER OPERATING TEMP. RANGE)(2)
Electrical Specifications: Unless otherwise indicated, operating temperature range with 4.5V
 VDD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-10
—
+10
µA
0V
 VIN  VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
—
—
0.025
V
DC Test
Output Resistance, High
ROH
—8
11
IOUT =10mA, VDD =18V
Output Resistance, Low
ROL
—8
11
Ω
IOUT =10mA, VDD =18V
Switching Time(1)
Rise Time
tR
—23
35
ns
Figure 4-1, Figure 4-2,
CL = 1000 pF
Fall Time
tF
—23
40
ns
Figure 4-1, Figure 4-2,
CL = 1000 pF
Propagation Delay Time
tD1
—50
65
ns
Figure 4-1, Figure 4-2
Propagation Delay Time
tD2
—50
65
ns
Figure 4-1, Figure 4-2
Note 1: Switching times are ensured by design.
2: Tested during characterization, not production tested.
DC CHARACTERISTICS(2) (CONTINUED)
Electrical Specifications: Unless otherwise indicated, TA = +25°C, with 4.5V  VDD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1: Switching times are ensured by design.
2: Tested during characterization, not production tested.
3: Package power dissipation is dependent on the copper pad area of the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com