Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-330E/P Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP2025-330E/P
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-330E/P Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP2025-330E/P Datasheet HTML 13Page - Microchip Technology MCP2025-330E/P Datasheet HTML 14Page - Microchip Technology MCP2025-330E/P Datasheet HTML 15Page - Microchip Technology MCP2025-330E/P Datasheet HTML 16Page - Microchip Technology MCP2025-330E/P Datasheet HTML 17Page - Microchip Technology MCP2025-330E/P Datasheet HTML 18Page - Microchip Technology MCP2025-330E/P Datasheet HTML 19Page - Microchip Technology MCP2025-330E/P Datasheet HTML 20Page - Microchip Technology MCP2025-330E/P Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 17
MCP2025
Voltage Regulator – 5.0V
Output Voltage Range
VREG
4.85
5.00
5.15
V
0 mA < IOUT <70mA
Line Regulation
VOUT1
—
10
50
mV
IOUT =1 mA
6.0V < VBB < 18V
Load Regulation
VOUT2
—
10
50
mV
5 mA < IOUT <70mA
6.0V < VBB < 12V
Power Supply Ripple Reject
PSRR
—
—
50
dB
1 VPP @ 10-20 kHz
ILOAD =20mA
Output Noise Voltage
eN
—
—
100
µVRMS 10 Hz –40MHz
CFILTER =10µf
CBP =0.1 µf
ILOAD =20mA
Shutdown Voltage
Threshold
VSD
3.5
—
4.0
V
See Figure 1-5 (Note 2)
Input Voltage to
Turn-Off Output
VOFF
3.9
—
4.5
V
—
Input Voltage to
Turn-On Output
VON
5.25
—
6.0
V
—
Voltage Regulator – 3.3V
Output Voltage
VREG
3.20
3.30
3.40
V
0 mA < IOUT <70mA
Line Regulation
VOUT1
—
10
50
mV
IOUT =1 mA
6.0V < VBB < 18V
Load Regulation
VOUT2
—
10
50
mV
5 mA < IOUT <70mA
6.0V < VBB < 12V
Power Supply Ripple Reject
PSRR
—
50
—
dB
1 VPP @ 10-20 kHz
ILOAD =20mA
Output Noise Voltage
eN
—
—
100
µVRMS
/
Hz
10 Hz –40MHz
CFILTER =10µF
CBP =0.1 µF
ILOAD =20mA
Shutdown Voltage
VSD
2.5
—
2.7
V
See Figure 1-5 (Note 2)
Input Voltage to
Turn-Off Output
VOFF
3.9
—
4.5
V
—
Input Voltage to
Turn-On Output
VON
5.25
—
6
V
—
2.3
DC Specifications (Continued)
DC Specifications
Electrical Characteristics:
Unless otherwise indicated, all limits are specified for
VBB = 6.0V to 18.0V, TA = -40°C to +125°C, CREG =10µF.
Parameter
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1:
Internal current limited. 2.0 ms maximum recovery time (RLBUS =0
, TX = 0, VLBUS =VBB).
2:
Characterized, not 100% tested.
3:
In Power-Down mode, normal LIN recessive/dominant threshold is disabled; VWK(LBUS) is used to detect
bus activities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com