Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP2025-500E/P Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2025-500E/P
Description  LIN Transceiver with Voltage Regulator
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2025-500E/P Datasheet(HTML) 3 Page - Microchip Technology

  MCP2025-500E/P Datasheet HTML 1Page - Microchip Technology MCP2025-500E/P Datasheet HTML 2Page - Microchip Technology MCP2025-500E/P Datasheet HTML 3Page - Microchip Technology MCP2025-500E/P Datasheet HTML 4Page - Microchip Technology MCP2025-500E/P Datasheet HTML 5Page - Microchip Technology MCP2025-500E/P Datasheet HTML 6Page - Microchip Technology MCP2025-500E/P Datasheet HTML 7Page - Microchip Technology MCP2025-500E/P Datasheet HTML 8Page - Microchip Technology MCP2025-500E/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
 2012-2014 Microchip Technology Inc.
DS20002306B-page 3
MCP2025
1.0
DEVICE OVERVIEW
The MCP2025 provides a physical interface between a
microcontroller and a LIN half-duplex bus. It is intended
for automotive and industrial applications with serial
bus baud rates up to 20 kBaud. This device will
translate the CMOS/TTL logic levels to LIN logic levels,
and vice versa.
The device offers optimum EMI and ESD performance
and it can withstand high voltage on the LIN bus. The
device supports two low-power modes to meet
automotive industry power consumption requirements.
The MCP2025 also provides a +5V or 3.3V regulated
power output at 70 mA.
1.1
Modes of Operation
The MCP2025 works in five modes: Power-On Reset,
Power-Down, Ready, Operation and Transmitter Off.
For an overview of all operational modes, please refer
to Table 1-1. For the operational mode transition,
please refer to Figure 1-1.
FIGURE 1-1:
STATE DIAGRAM
Note 1:
VREG_OK: Regulator Output Voltage > 0.8VREG_NOM.
2:
If the voltage on pin VBB falls below VOFF, the device will enter Power-On Reset mode from all other
modes, which is not shown in the figure.
3:
Faults include TXD/LBUS permanent dominant, LBUS short to VBB, thermal protection and VREG_OK is
false.
POR
(2)
VREG OFF
RX OFF
TX OFF
READY
VREG ON
RX ON
TX OFF
TX OFF
VREG ON
RX ON
TX OFF
POWER-DOWN
VREG OFF
RX OFF
TX OFF
OPERATION
VREG ON
RX ON
TX ON
VBB >VON
CS =
1 &TXD = 0&
CS/LWAKE =
0
&TXD = 0
CS/LWAKE =
1 &TXD = 1
VREG_OK =
1(1)
CS/LWAKE =
1&
TXD =
1&
No Fault
(3)
CS/LWAKE =
0 or
Fault detected
(3)
CS/LWAKE =
1 OR
Voltage Rising Edge on LBUS
CS/LWAKE =
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com