Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FSH-06M Datasheet(PDF) 1 Page - FLEXTRAL

Part # FSH-06M
Description  FSH 100R1 Red Fire Suppression Hose
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLEXTRAL [FLEXTRAL]
Direct Link  https://flextral.com/
Logo FLEXTRAL - FLEXTRAL

FSH-06M Datasheet(HTML) 1 Page - FLEXTRAL

  FSH-06M Datasheet HTML 1Page - FLEXTRAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FSH 100R1 Red Fire Suppression Hose
Meets or exceeds the requirements of SAE 100R1 AT / DIN-EN 853 1SN.
Tube: Seamless, black, oil and heat resistant synthetic rubber
Reinforcement: One wire braid of high-tensile steel wire
Cover: Smooth, red, oil abrasion and weather resistant synthetic rubber, MSHA approved
Temperature: -40°C to +100°C (-40°F to +212°F)
Packaging: Reels
Application: Medium pressure hydraulic applications and fire suppression actuation equipment
where the red cover allows for easy identification.
PART
NUMBER
HOSE
I.D.
HOSE
O.D.
MAX
W.P.
MIN. BURST
PRESSURE
MIN. BEND
RADIUS
WEIGHT ONE PIECE
(in)
(in)
(mm)
(psi)
(psi)
(in)
(mm)
(lbs/ft)
COUPLINGS
FSH-04M
Z\v
0.52
13.2
3,265
13,060
4.0
100
0.15
E
FSH-06M
C\,
0.68
17.2
2,610
10,440
5.0
130
0.23
E
FSH-08M
Z|x
0.80
20.4
2,320
9,280
7.0
180
0.28
E
FSH-12M
C\v
1.08
27.5
1,525
6,100
9.5
240
0.40
E
FSH-16M
1
1.39
35.4
1,275
5,100
12.0
300
0.59
E
www.
.com
V04.21


Similar Part No. - FSH-06M

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSH04A03L NIEC-FSH04A03L Datasheet
57Kb / 6P
Schottky Barrier Diode
FSH04A03LB NIEC-FSH04A03LB Datasheet
145Kb / 1P
High Barrier Diode
logo
National Instruments Co...
FSH04A03LB NI-FSH04A03LB_15 Datasheet
145Kb / 1P
SBD
logo
Nihon Inter Electronics...
FSH04A04 NIEC-FSH04A04 Datasheet
57Kb / 6P
Schottky Barrier Diode
FSH04A04B NIEC-FSH04A04B Datasheet
146Kb / 1P
Schottky Barrier Diode
More results

Similar Description - FSH-06M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D1256 ETC2-D1256 Datasheet
448Kb / 1P
Fire Command Center, Fire Annunciator
D1257 ETC2-D1257 Datasheet
121Kb / 2P
Fire Annunciator
logo
Ralston Instruments.
1M1M-HOS-3FT RALSTON-1M1M-HOS-3FT Datasheet
295Kb / 1P
Quick-test hose
1P1P-HOS-3FT RALSTON-1P1P-HOS-3FT Datasheet
299Kb / 1P
Quick-test hose
2M2M-HOS-3FT RALSTON-2M2M-HOS-3FT Datasheet
301Kb / 1P
Quick-test hose
2S2S-HOS-3FT RALSTON-2S2S-HOS-3FT Datasheet
290Kb / 1P
Quick-test hose
QTQT-HOS-100FT RALSTON-QTQT-HOS-100FT Datasheet
361Kb / 1P
Quick-test hose, brass hose ends
logo
Laird Tech Smart Techno...
QR-13AF LSTD-QR-13AF Datasheet
201Kb / 2P
Fire retardant
logo
3M Electronics
E-54A 3M-E-54A Datasheet
157Kb / 3P
Fire Protection Products
logo
Schneider Electric
SSP030DRSE10 SCHNEIDER-SSP030DRSE10 Datasheet
81Kb / 1P
Video/Security/Fire
12-Feb-2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com