Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

9FGL0441DKILF Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # 9FGL0441DKILF
Description  9FGL02x1/04x1/06x1/08x1D 3.3V PCIe Gen1–7 Clock Generator Family
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9FGL0441DKILF Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button 9FGL0441DKILF Datasheet HTML 29Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 30Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 31Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 32Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 33Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 34Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 35Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 36Page - Renesas Technology Corp 9FGL0441DKILF Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
R31DS0112EU0108 Rev.1.08
Page 33
Jun 5, 2026
9FGL02x1/04x1/06x1/08x1D Datasheet
11. Revision History
Revision
Date
Description
1.08
Jun 5, 2026
Updated Table 13.
1.07
Dec 13, 2024
Updated pins 16 and 25 in Figure 3 to VDD3.3 from VDDO3.3.
1.06
Nov 6, 2024
▪ Updated Table 4 title to SMBus DC Electrical Characteristics from SMBus Parameters. All
table parameters updated.
▪ Added Figure 6.
▪ Added Table 5.
1.05
Apr 2, 2024
Changed PCIe Phase Jitter CC Architecture Gen6 Limit to 100fs RMS from 150fs RMS in
Table 13.
1.04
Mar 27, 2024
▪ Updated Table 1 for clarity, indicating which configurations are for PCIe.
▪ Updated datasheet to show Gen6 Compliance with new data. See Table 13.
▪ Updated Figure 9.
1.03
Nov 29, 2022
▪ Changed the 9FGL08 definition for Device ID in Table 26 to 0b01000 from 0b00100.
▪ Updated the package links in Ordering Information
1.02
Aug 19, 2022
Changed the maximum Supply Voltage to 4.6V in Table 2.
1.01
Jun 14, 2022
Updated Slew Rate values in Table 7.
1.00
Jun 7, 2022
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com