Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2M-CPU33 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # CJ2M-CPU33
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2M-CPU33 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button CJ2M-CPU33 Datasheet HTML 5Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 6Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 7Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 8Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 9Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 10Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 11Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 12Page - Omron Electronics LLC CJ2M-CPU33 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
CJ2
Modular PLC
9
** CX-ONE V4 Required
Model
CJ2H-CPU64 CJ2H-CPU65 CJ2H-CPU66 CJ2H-CPU67 CJ2H-CPU68 CJ2H-CPU64-
EIP
CJ2H-CPU65-
EIP
CJ2H-CPU66-
EIP
CJ2H-CPU67-
EIP
CJ2H-CPU68-
EIP
I/O Capacity/Mountable Units
2,560 Points/40 Units (3 Expansion Racks Max.)
Program Capacity
50K steps
100K steps
150K steps
250K steps
400K steps
50K steps
100K steps
150K steps
250K steps
400K steps
Data Memory Capacity
DM: 32K words,
EM: 32K words/
Bank x 4 Banks
DM: 32K
words,
EM: 32K
words/Bank x
10 Banks
DM: 32K
words,
EM: 32K
words/Bank x
15 Banks
DM: 32K
words,
EM: 32K
words/Bank x
25 Banks
DM: 32K words,
EM: 32K words
Bank x 4 Banks
DM: 32K
words,
EM: 32K
words/Bank x
10 Banks
DM: 32K
words,
EM: 32K
words/Bank x
15 Banks
DM: 32K
words,
EM: 32K
words/Bank x
25 Banks
Data Tracing Memory
8K words
16K words
32 K words
8K words
16K words
32 K words
Source/Comment Memory
3.5 Mbytes
Function Block Definitions
2,048
Function Block Instances
2,048
Function Block Program Area
No
Built-in Ethernet
No
Yes (with EtherNet/IP Functionality)
Built-in USB
Yes
Built-in RS-232 Port
Yes
Communication Option Board Slot
No
LD Instruction Execution Time
16 ns
Pulse I/O add-on modules
Not Supported
Synchronous Unit Operation
Yes (with CJ1W-NC Position Control Units)
User-defined Data Structures**
Yes
Unit Size (HxWxD)
90 x 49 x 74.5 mm
90 x 80 x 74.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com