Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CJ2H-CPU67 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # CJ2H-CPU67
Description  CJ2 FAMILY
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ2H-CPU67 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button CJ2H-CPU67 Datasheet HTML 15Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 16Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 17Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 18Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 19Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 20Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 21Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 22Page - Omron Electronics LLC CJ2H-CPU67 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
CJ-Series motion/position control units
Modular PLC
Add motion control to any CJ-Series PLC
From simple position measurement to multi-axis synchronised motion control, the
CJ-Series offers a full range of units:
• Counter units gather position information from SSI- or incremental encoders.
Actual positions are compared with internally stored target values.
• CJ2M CPU Units have dedicated positioning functions that can be used by
installing up to 2 Pulse I/O option modules.
• Position Control units are used for point-to-point positioning with servo drives or
stepper motors. Target data and acceleration/deceleration curves can be adjusted
on-the-fly.
• Position- and Motion Control units equipped with MECHATROLINK-II interface can
control multiple drives through a single high-speed link. Message routing through
multiple communication layers allows the attached drives to be configured from
any point in the control network.
Ordering information
Note: Line driver signal type units also available.
Accessories
Channels/
Axes
Type
Signal type
Unit class
Width
Remarks
Connection type
Order code
2
SSI inputs (absolute
position data)
Synchronous
serial protocol
Special I/O unit
31 mm Baud rate, encoding type, data length,
etc. can be set per channel
M3 screw
CJ1W-CTS21-E
2
500 kHz Counter
24 V, line driver
Special I/O unit
31 mm 2 configurable digital inputs + outputs
1 x Fujitsu (40 pt)
CJ1W-CT021
4
100 kHz Counter
Line driver, 24 V via
terminal block
Special I/O unit
31 mm Target values trigger interrupt to CPU
1 x MIL (40 pt)
CJ1W-CTL41-E
1
DC Motor Control unit
PWM (24 V/4 A)
Special I/O unit
31 mm 4 configurable digital inputs + 50 kHz counter input 3 x Screwless
CJ1W-DCM11-E
2
Pulse I/O option module for
CJ2M CPU
24 V, line driver
CPU Option Module
20 mm 100 kpps encoder inputs and pulse outputs,
NPN (sinking), interrupt / fast response inputs
1 x MIL (40 pt)
CJ2M-MD211
2
Pulse I/O option module for
CJ2M CPU
24 V, line driver
CPU Option Module
20 mm 100 kpps encoder inputs and pulse outputs,
PNP (sourcing), interrupt / fast response inputs
1 x MIL (40 pt)
CJ2M-MD212
1
Position Control unit
24 V open collector
Special I/O unit
31 mm 500 kpps pulse outputs, inputs for origin,
limit switches, stop, interrupt
1 x Fujitsu (40 pt)
CJ1W-NC113
2
Position Control unit
24 V open collector
Special I/O unit
31 mm 500 kpps pulse outputs, inputs for origin,
limit switches, stop, interrupt
1 x Fujitsu (40 pt)
CJ1W-NC213
4
Position Control unit
24 V open collector
Special I/O unit
31 mm 500 kpps pulse outputs, inputs for origin,
limit switches, stop, interrupt
2 x Fujitsu (40 pt)
CJ1W-NC413
2
Position Control Unit
High speed type
24 V open collector
Special I/O Unit
51 mm 500 kpps pulse outputs, built-in feedback pulse
counters, synchronous multi-axis control
MIL
CJ1W-NC214
4
Position Control Unit
High speed type
24 V open collector
Special I/O Unit
62 mm 500 kpps pulse outputs, built-in feedback pulse
counters, synchronous multi-axis control
MIL
CJ1W-NC414
2
Position Control Unit
MECHATROLINK-II
CPU bus unit
31 mm Position, speed and torque control,
access to all drive parameters
ML-II
CJ1W-NC271
4
Position Control Unit
MECHATROLINK-II
CPU bus unit
31 mm Position, speed and torque control,
access to all drive parameters
ML-II
CJ1W-NC471
16
Position Control unit
MECHATROLINK-II
CPU bus unit
31 mm Position, speed and torque control,
access to all drive parameters
ML-II
CJ1W-NCF71
30
Advanced Motion Control
unit
MECHATROLINK-II,
Encoder I/O, digital I/O
CPU bus unit
49 mm Trajexia Motion Controller on the CJ-series
ML-II, 9-pin D-Sub,
screwless push-in
CJ1W-MCH72
Description
Connection type
Order code
General purpose I/O terminal block (40×M3 screw)
MIL (40 pt)
XW2D-40G6
Screwless terminal block for connecting 24 V or Line driver encoders to CJ1W-CTL41-E
MIL (40 pt.) to 32 pt.
screwless clamp
XW2G-40G7-E
General purpose I/O connection cable for I/O units with 40-pt. Fujitsu connector ( _ _ _ = length in cm)
Fujitsu (40 pt.) to
MIL (40 pt.)
XW2Z-___ B
General purpose I/O connection cable for I/O units with 40-pt. MIL connector ( _ _ _ = length in cm)
2 x MIL (40 pt)
XW2Z-___ K
Servo relay unit 1-Axis position control unit
–
XW2B-20J6-1B
Servo relay unit 2-Axes position control unit
–
XW2B-40J6-2B
Cable connecting servo relay unit to Position control unit CJ1W-NC113, cable length 1 m. For Sigma-5 and Sigma-II servo drives.
–
XW2Z-100J-A14
Cable connecting servo relay unit to Position control unit CJ1W-NC213/413, cable length 1 m. For Sigma-5 and Sigma-II servo drives.
–
XW2Z-100J-A15
Cable connecting servo relay unit to Position control unit CJ1W-NC113, cable length 1 m. For SmartStep servo drives.
–
XW2Z-100J-A16
Cable connecting servo relay unit to Position control unit CJ1W-NC213/413, cable length 1 m. For SmartStep servo drives.
–
XW2Z-100J-A17
Cable connecting servo relay unit to Position control unit CJ1W-NC133, cable length 1 m. For Sigma-5 and Sigma-II servo drives.
–
XW2Z-100J-A18
Cable connecting servo relay unit to Position control unit CJ1W-NC233/433, cable length 1 m. For Sigma-5 and Sigma-II servo drives.
–
XW2Z-100J-A19
Cable connecting servo relay unit to Position control unit CJ1W-NC133, cable length 1 m. For SmartStep servo drives.
–
XW2Z-100J-A20
Cable connecting servo relay unit to Position control unit CJ1W-NC233/433, cable length 1 m. For SmartStep servo drives.
–
XW2Z-100J-A21
Cable connecting servo relay unit to Sigma-5 and Sigma-II servo drives, cable length 1 m.
–
XW2Z-100J-B4
Cable connecting servo relay unit to SmartStep servo drive, cable length 1 m.
–
XW2Z-100J-B5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com