Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L78L05ABUTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L78L05ABUTR
Description  Positive voltage regulators
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L05ABUTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L78L05ABUTR Datasheet HTML 15Page - STMicroelectronics L78L05ABUTR Datasheet HTML 16Page - STMicroelectronics L78L05ABUTR Datasheet HTML 17Page - STMicroelectronics L78L05ABUTR Datasheet HTML 18Page - STMicroelectronics L78L05ABUTR Datasheet HTML 19Page - STMicroelectronics L78L05ABUTR Datasheet HTML 20Page - STMicroelectronics L78L05ABUTR Datasheet HTML 21Page - STMicroelectronics L78L05ABUTR Datasheet HTML 22Page - STMicroelectronics L78L05ABUTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 41 page
background image
7
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
7.1
TO-92 package information
Figure 17. TO-92 package outline
0102782_E
Table 22. TO-92 mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.32
4.95
b
0.36
0.51
D
4.45
4.95
E
3.30
3.94
e
2.41
2.67
e1
1.14
1.40
L
12.70
15.49
R
2.16
2.41
S1
0.92
1.52
W
0.41
0.56
V
5°
L78L
Package information
DS0424 - Rev 30
page 19/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com