Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

D4NH-3FAS Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D4NH-3FAS
Description  Miniature Safety-door Hinge Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D4NH-3FAS Datasheet(HTML) 3 Page - Omron Electronics LLC

  D4NH-3FAS Datasheet HTML 1Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 2Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 3Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 4Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 5Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 6Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 7Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 8Page - Omron Electronics LLC D4NH-3FAS Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
G-209
D4NH
Specifications
Standards and EC Directives
• Conforms to the following EC Directives:
Machinery Directive
Low Voltage Directive
EN50047
EN1088
GS-ET-15
Approved Standards
Note: Approval for CSA C22.2 No. 14 is authorized by the UL mark.
CCC (China Compulsory Certification) Mark
Approved Standard Ratings
TÜV (EN60947-5-1)
Note: Use a 10-A fuse type gI or gG that conforms to IEC269 as a short-circuit
protection device. This fuse is not built into the Switch.
UL/CSA (UL508, CSA C22.2 No. 14)
A300
Q300
Characteristics
Note: 1. The values in the table on the previous page are initial values.
2. Once a contact has been used to switch a standard load, it cannot be used for a load of a smaller capacity. Doing so may result in rough-
ening of the contact surface and contact reliability may be lost.
3. The degree of protection is tested using the method specified by the standard (EN60947-5-1). Confirm that sealing properties are suffi-
cient for the operating conditions and environment beforehand. Although the switch box is protected from dust or water penetration, do
not use the D4NH in places where foreign material such as dust, dirt, oil, water, or chemicals may penetrate through the head. Otherwise,
premature wear, Switch damage or malfunctioning may occur.
4. The durability is for an ambient temperature of 5
C to 35C and an ambient humidity of 40% to 70%. For more details, consult your
OMRON representative.
5. If the ambient temperature is greater than 35
C, do not pass the 3-A, 250-VAC load through more than 2 circuits.
6. For safe use, make sure that the allowable operating speed is not exceeded.
7. This value will vary with the switching frequency, environment, and reliability level. Confirm that correct operation is possible with the ac-
tual load beforehand.
Agency
Standard
File No.
TÜV SÜD
EN60947-5-1 (approved
direct opening)
B03 11 39656 061
UL (See note.)
UL508, CSA C22.2 No.14 E76675
CQC (CCC)
GB/T 14048.5
Contact your
OMRON
representative
Agency
Standard
File No.
CQC
GB14048.5
Under application
Item
Utilization
category
AC-15
DC-13
Rated operating current (I
e)
3 A
0.27 A
Rated operating voltage (U
e)
240 V
250 V
Rated
voltage
Carry current
Current
Volt-amperes
Make
Break
Make
Break
120 VAC
10 A
60 A
6 A
7,200 VA 720 VA
240 VAC
30 A
3 A
Rated
voltage
Carry current
Current
Volt-amperes
Make
Break
Make
Break
125 VDC
2.5 A
0.55 A
0.55 A
69 VA
69 VA
250 VDC
0.27 A
0.27 A
Degree of protection (See note 3.)
IP67 (EN60947-5-1)
Durability
(See note 4.)
Mechanical
1,000,000 operations min.
Electrical
500,000 operations min. for a resistive load of 3 A at 250 VAC (See note 5.)
300,000 operations min. for a resistive load of 10 A at 250 VAC
Operating speed
2 to 360
/s (See note 6.)
Operating frequency
30 operations/minute max.
Contact resistance
25 m
 max.
Minimum applicable load (See note 7.)
Resistive load of 1 mA at 5 VDC (N-level reference value)
Rated insulation voltage (U
i)
300 V
Protection against electric shock
Class II (double insulation)
Pollution degree (operating environment)
Level 3 (EN60947-5-1)
Impulse withstand voltage (EN60947-5-1)
Between terminals of the same polarity: 2.5 kV
Between terminals of different polarities: 4 kV
Between other terminals and uncharged metallic parts: 6 kV
Insulation resistance
100 M
 min.
Contact gap
Snap-action: 2 x 9.5 mm min
Slow-action: 2 x 2 mm min
Vibration resistance
Malfunction
10 to 55 Hz, 0.75-mm single amplitude
Shock resistance
Destruction
1,000 m/s2
Malfunction
300 m/s2
Conditional short-circuit current
100 A (EN60947-5-1)
Rated open thermal current (I
th)
10 A (EN60947-5-1)
Ambient temperature
Operating:
30C to 70C with no icing
Ambient humidity
Operating: 95% max.
Weight
Approx. 87 g (D4NH-1AAS)
Approx. 97 g (D4NH-1ABC)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com