Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OP07C Datasheet(PDF) 1 Page - STMicroelectronics

Part # OP07C
Description  VERY LOW OFFSET SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

OP07C Datasheet(HTML) 1 Page - STMicroelectronics

  OP07C Datasheet HTML 1Page - STMicroelectronics OP07C Datasheet HTML 2Page - STMicroelectronics OP07C Datasheet HTML 3Page - STMicroelectronics OP07C Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OP07C
VERY LOW OFFSET
SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
October 1997
ORDER CODES
Part Number
Temperature
Range
Package
N
OP07C
-40
oC, +105oC
•
N
DIP8
(Plastic Package)
1
2
3
4
8
6
5
7
V
CC
VCC
Inverting Input
Non-inverting Input
Output
Offset Null 2
Offset Null 1
N.C.
PIN CONNECTIONS (top view)
DESCRIPTION
The OP07C is a very high precision op amp with
an offset voltage maximum of 150
µV.
Offering also low input current (1.8nA) and high
gain (400V/mV), the OP07C is particularly suitable
for instrumentation applications.
.
EXTREMELY LOW OFFSET : 150
µVMAX
.
LOW INPUT BIAS CURRENT : 1.8nA
.
LOW Vio DRIFT : 0.5
µV/oC
.
ULTRA STABLE WITH TIME : 2
µV/month max.
.
WIDE SUPPLY VOLTAGE RANGE :
± 3V to ± 22V
1/4


Similar Part No. - OP07C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OP07C TI-OP07C Datasheet
133Kb / 7P
PRECISION OPERATIONAL AMPLIFIERS
OP07C TI-OP07C Datasheet
264Kb / 11P
PRECISION OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
OP07C STMICROELECTRONICS-OP07C Datasheet
94Kb / 8P
Very low offset single bipolar operational amplifier
23-Jul-2007
logo
Texas Instruments
OP07C TI1-OP07C Datasheet
927Kb / 21P
Precision Operational Amplifiers
OP07C TI1-OP07C Datasheet
922Kb / 21P
Precision Operational Amplifie
More results

Similar Description - OP07C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MC33171-MC35171 STMICROELECTRONICS-MC33171-MC35171 Datasheet
50Kb / 5P
LOW POWER SINGLE BIPOLAR OPERATIONAL AMPLIFIERS
December 1997
logo
Texas Instruments
TL05X TI-TL05X Datasheet
1,022Kb / 65P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05XA TI-TL05XA Datasheet
1Mb / 63P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TL05X TI-TL05X_07 Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL05X STMICROELECTRONICS-TL05X_08 Datasheet
1Mb / 67P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
19-Mar-2008
OP07 STMICROELECTRONICS-OP07 Datasheet
94Kb / 8P
Very low offset single bipolar operational amplifier
23-Jul-2007
logo
Rohm
BA8522RF ROHM-BA8522RF Datasheet
171Kb / 5P
LOW OFFSET VOLTAGE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
TL054IJ TI-TL054IJ Datasheet
1Mb / 68P
ENHANCED-JFET LOW-OFFSET OPERATIONAL AMPLIFIERS
TLV225X TI1-TLV225X_16 Datasheet
2Mb / 59P
VERY LOW-POWER OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
MC33272A ONSEMI-MC33272A_13 Datasheet
325Kb / 16P
Low Input Offset Voltage Operational Amplifiers
July, 2013 ??Rev. 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com