Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP393ASG-13 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP393ASG-13
Description  LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393ASG-13 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP393ASG-13 Datasheet HTML 4Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 5Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 6Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 7Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 8Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 9Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 10Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 11Page - Diodes Incorporated AP393ASG-13 Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AP393A
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393A Rev. 3
8 of 15
MAY 2008
www.diodes.com
© Diodes Incorporated
Typical Circuit
( Continued ) ( VCC = 5.0VDC )
Inverting Comparator with
Hysteresis
+
-
3K
+VIN
V
+
1M
1M
1M
VO
V
+
1/2 AP393A
VO
6.2K
V
+
Output Strobing
+
-
STROBE
INPUT
*
* OR LOGIC GATE WITHOUT PULL-UP
RESISTOR
1/2 AP393A
AND Gate
f
3K
V
+
A
+
-
1K
B
C
1K
100K
100K
100K
39K
+0.375V
0
"0" "1"
1/2 AP393A
V
+
Or Gate
3K
V
+
A
+
-
1K
B
C
1K
100K
100K
100K
200K
+0.075V
V
+
0
"0" "1"
f
1/2 AP393A
Large Fan-in AND Gate
R4
3K
V
+
A
+
-
D1
B
C
100K
10K
V
+
0
"0" "1"
D
D2
D3
D4
ALL DIODES 1N914
100K
VOUT
1/2 AP393A
Limit Comparator
+
-
+
-
2RS
2RS
RS
10K
V
+ (12V
DC)
LAMP
12 ESB
+VIN
+VREF LOW
+VREF HI
2N2222
1/2 AP393A
1/2 AP393A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com