Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM2LS-0512SJZ Datasheet(PDF) 4 Page - AIMTEC

Part # AM2LS-0512SJZ
Description  DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AM2LS-0512SJZ Datasheet(HTML) 4 Page - AIMTEC

  AM2LS-0512SJZ Datasheet HTML 1Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 2Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 3Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 4Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 5Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 6Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 7Page - AIMTEC AM2LS-0512SJZ Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F 052e R4
www.Aimtec.com
4
Rev: 01/22/A
AM2LS-JZ
DC-DC Converter
Maximum Case temperature
130
°C
Reflow soldering temperature
Maximum duration 60s when over 217°C
245
°C
Soldering method
IPC/JEDEC J-STD-020D.1.
Cooling
Free air convection
Humidity
Non-condensing
>5
95
% RH
Moisture sensitivity level
Level 1
Case material
Black plastic (flammability to UL 94V-0)
Weight
1.4
g
Dimensions (L x W x H)
0.52 x 0.45 x 0.28 inches (13.20 x 11.40 x 7.25 mm)
MTBF
3 500 000 hrs (MIL-HDBK -217F, t=+25oC) / Full Load
NOTE: All specifications in this datasheet are measured at an ambient temperature of 25°C, humidity<75%, nominal input voltage and at rated
output load unless otherwise specified.
Safety Specifications
Parameters
Standards
Information technology Equipment
Design to meet EN62368
EMC - Conducted and radiated emission
CISPR32 / EN55032, class B with the recommended EMI circuit
Electrostatic Discharge Immunity
IEC 61000-4-2 Air ±8KV, Contact ±6KV, Criteria B
0
20
60
40
80
100
80
60
40
20
0
Safe Operating Area
Free Air Convection
Ambient Temperature º C
100
-40
-20
105
85
71
12/15/24Vin, other models
5Vin models
30
12/15/24Vin, 5Vout models
Derating



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com